Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 77 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 73Page - STMicroelectronics STV82X8 Datasheet HTML 74Page - STMicroelectronics STV82X8 Datasheet HTML 75Page - STMicroelectronics STV82X8 Datasheet HTML 76Page - STMicroelectronics STV82X8 Datasheet HTML 77Page - STMicroelectronics STV82X8 Datasheet HTML 78Page - STMicroelectronics STV82X8 Datasheet HTML 79Page - STMicroelectronics STV82X8 Datasheet HTML 80Page - STMicroelectronics STV82X8 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 157 page
background image
77/157
STV82x8
Register List
I2S_IN_MASK
I2S Mask
Note:
This register has to be set before the Start of the Software (0x85 : HOST_RUN = 1).
I2S_IN_STATUS
SRC I2S Input Behaviour
Address: 88h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
WORD_MASK[4:0]
Bit Name
Reset
Function
Bits [7:5]
000
Reserved
WORD_MASK[4:0]
11111
Define the mask to apply to 32-bit input samples. Range: 0 to 31
Address: 89h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
AUTO_SRC_S
YNC
ENABLE_IRQ
_SRC_FREQ_
CHANGE
ENABLE_IRQ
_SYNC_FOUN
D
ENABLE_IRQ
_SYNC_LOST
I2S_INPUT_FREQ
Bit Name
Reset
Function
AUTO_SRC_SYNC
0
Allow the DSP to reset the SRC input DMA when an input freq change is detected. (Working in
SRC mode only)
0:
no reset on input frequency change
1:
reset on input frequency change
ENABLE_IRQ_SRC
_FREQ_CHANGE
0
Generate an IRQ3 when a frequency change is detected on SRC input. (Working in SRC mode
only)
0:
IRQ3 generation not active
1:
IRQ3 generation active
ENABLE_IRQ_SYN
C_FOUND
0
Generate an IRQ2 when a signal is synchronized on SRC input. (Working in SRC mode only)
0:
IRQ2 generation not active
1:
IRQ2 generation active
ENABLE_IRQ_SYN
C_LOST
0
Generate an IRQ1 when a signal is lost on SRC input. (Working in SRC mode only)
0:
IRQ1 generation not active
1:
IRQ1 generation active
Bits [3]
0
Reserved
I2S_INPUT_FREQ
(000)
Display the frequency detected on SRC input
000:
no signal locked on SRC input
100:
signal locked but frequency unknown
001:
32 kHz
101:
not used
010:
44.1 kHz
110:
not used
011:
48 kHz
111:
not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com