Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 107 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 103Page - STMicroelectronics STV82X8 Datasheet HTML 104Page - STMicroelectronics STV82X8 Datasheet HTML 105Page - STMicroelectronics STV82X8 Datasheet HTML 106Page - STMicroelectronics STV82X8 Datasheet HTML 107Page - STMicroelectronics STV82X8 Datasheet HTML 108Page - STMicroelectronics STV82X8 Datasheet HTML 109Page - STMicroelectronics STV82X8 Datasheet HTML 110Page - STMicroelectronics STV82X8 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 157 page
background image
107/157
STV82x8
Register List
SVC_HP_GAIN
Make-up Gain for SVC HP
WIDESRND_CONTROL
ST Wide Surround Control
WIDESRND_FREQ
ST Wide Surround Sound Frequency
Address: C3h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
SVC_HP_GAIN[5:0]
Bit Name
Reset
Function
Bits[7:6]
00
Reserved.
SVC_HP_GAIN[5:0]
000000
Set “make-up” gain applied at SVC HP output:
000000:
+0 dB
000001:
+0.5 dB
...
101110:
+23 dB
101111:
+23.5 dB
110000:
+24 dB
Address: C4h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
000
WIDESRND_S
TEREO
WIDESRND_
MODE
WIDESRND_O
N
Bit Name
Reset
Function
Bits[7:3]
00000
Reserved.
WIDESRND_STER
EO
0
ST Wide Surround Sound Stereo Mode
0:
ST Wide Surround Sound in Mono mode (Default)
1:
ST Wide Surround Sound in Stereo mode
WIDESRND_MODE 0
ST Wide Surround Sound Stereo Mode
0:
Movie Mode
1:
Music Lode
WIDESRND_ON
0
ST Wide Surround Sound Enable
0:
ST Wide Surround Sound is disabled
1:
ST Wide Surround Sound is enabled
Address: C5h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
WIDESRND_BASS[1:0]
WIDESRND_MEDIUM[1:0]
WIDESRND_TREBLE[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com