Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 110 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 106Page - STMicroelectronics STV82X8 Datasheet HTML 107Page - STMicroelectronics STV82X8 Datasheet HTML 108Page - STMicroelectronics STV82X8 Datasheet HTML 109Page - STMicroelectronics STV82X8 Datasheet HTML 110Page - STMicroelectronics STV82X8 Datasheet HTML 111Page - STMicroelectronics STV82X8 Datasheet HTML 112Page - STMicroelectronics STV82X8 Datasheet HTML 113Page - STMicroelectronics STV82X8 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 157 page
background image
Register List
STV82x8
110/157
BASS_ENHANCE_LS
ST Bass Enhancer for LS
EQ_BT_CTRL
Loudspeakers Equalizer Control
Bit Name
Reset
Function
HP_BASS_LEVEL[
4:0]
00000
ST Dynamic Bass output gain:
00000:
+0dB
00001:
+0.5dB
...
11101:
+14.5dB
11110:
+15dB
11111:
+15.5dB
HP_BASS_FREQ[
1:0]
00
00: 100-Hz Cut-Off frequency
10: 200-Hz Cut-Off frequency
01: 150-Hz Cut-Off frequency
11: 250-Hz Cut-Off frequency
HP_DYN_BASS_O
N
0
0:
ST Dynamic Bass OFF
1:
ST Dynamic Bass ON
Address: CAh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
LS_BASS_EN
HANCE_HP_F
ILTER
LS_BASS_ENHANCE_SCALE[2:0]
LS_BASS_EN
HANCE_CUT
OFF
LS_BASS_EN
HANCE_ON
Bit Name
Reset
Function
Bits[7:6]
00
Reserved.
LS_BASS_ENHAN
CE_HP_FILTER
0
Add an High Pass Filter in order to reduce the lower bass content in the signal in order to reduce
the constraint on small speakers.
0:
No High Pass Filter. To be used on wide band speakers
1:
High Pass Filter. To be used on narrow band speakers.
LS_BASS_ENHAN
CE_SCALE[2:0]
000
Set the amount of bass generated by the processing:
000:
Light Bass Content
...
111:
Stong Bass Content
LS_BASS_ENHAN
CE_CUTOFF
0
Define the corner frequency for the bass generation:
0:
Cuttoff Frequency = 80 Hz
1:
Cutoff Frequency = 120 Hz
LS_DYN_BASS_O
N
0
0:
ST Bass Enhancer OFF
1:
ST Bass Enhancer ON
Address: CCh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
000
HP_BT_ON
LS_EQ_BT_S
W
LS_EQ_ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com