Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 113 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 109Page - STMicroelectronics STV82X8 Datasheet HTML 110Page - STMicroelectronics STV82X8 Datasheet HTML 111Page - STMicroelectronics STV82X8 Datasheet HTML 112Page - STMicroelectronics STV82X8 Datasheet HTML 113Page - STMicroelectronics STV82X8 Datasheet HTML 114Page - STMicroelectronics STV82X8 Datasheet HTML 115Page - STMicroelectronics STV82X8 Datasheet HTML 116Page - STMicroelectronics STV82X8 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 157 page
background image
113/157
STV82x8
Register List
HP_TREBLE_GAIN
Headphone Treble Gain
OUTPUT_BASS_MNGT
Bass Redirection
Address: D5h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
HP_TREBLE
Bit Name
Reset
Function
HP_TREBLE[7:0]
0000
0000
Gain Tuning of Headphone Treble Frequency
Gain may be programmed within a range between +12 dB and -12 dB in steps of 0.25 dB.
Programmable values are listed in Table 11.
Address: D4h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BASS_MANA
GE_ON
ST_LFE_ADD
DOLBY_PROL
OGIC
SUB_ACTIVE
GAIN_SWITC
H
OCFG_NUM[2:0]
Bit Name
Reset
Function
BASS_MANAGE_O
N
0
0:
BassManagement disabled
1:
BassManagement enabled
ST_LFE_ADD
0
Add the signal comming from the LFE input (MULTI_I2S mode only) to the calculated Subwoofer
signal:
0:
No LFE channel to add
1:
Add LFE signal to the Subwoofer computed signal
DOLBY_PROLOGI
C
0
If the BassManagement is used with Dolby Prologic decoder, the surround channels must not be
added to generate the Subwoofer channel:
0:
Standard configuration (Dolby Digital compliant), surround channels are used to generate the
Subwoofer channel.
1:
Dolby Prologic configuration, surround channels are not used to generate the Subwoofer
channel.
SUB_ACTIVE
0
In some configurations the Subwoofer signal can be redirected to L/R channels if there is no
Subwoofer output:.
0:
No Subwoofer output, the Sub signal is added to L/R channels
1:
Subwoofer signal is outputed on Subwoofer output.
GAIN_SWITCH
0
Gain Switch available in some configurations:
0:
Level Adjustment ON
1:
Level Adjustment OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com