Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 116 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 112Page - STMicroelectronics STV82X8 Datasheet HTML 113Page - STMicroelectronics STV82X8 Datasheet HTML 114Page - STMicroelectronics STV82X8 Datasheet HTML 115Page - STMicroelectronics STV82X8 Datasheet HTML 116Page - STMicroelectronics STV82X8 Datasheet HTML 117Page - STMicroelectronics STV82X8 Datasheet HTML 118Page - STMicroelectronics STV82X8 Datasheet HTML 119Page - STMicroelectronics STV82X8 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 157 page
background image
Register List
STV82x8
116/157
LS_L_VOLUME_MSB
Loudspeaker Left Volume MSB
LS_L_VOLUME_LSB
Loudspeaker Left Volume LSB
LS_R_VOLUME_MSB
Loudspeaker Right Volume MSB
LS_VOLUME_
MODE
1
Volume mode for LS output:
0:
Independant
1:
Differential
Address: DAh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LS_L_VOLUME_MSB[7:0]
Bit Name
Reset
Function
LS_L_VOLUME_M
SB[7:0]
1001
1000
8 MSBs of the 10-bit Left Loudspeaker Volume
Address: DBh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
0000
LS_L_VOLUME_LSB[1:0]
Bit Name
Reset
Function
Bits[7:2]
000000 Reserved.
LS_L_VOLUME_LS
B[1:0]
00
2 LSBs of the 10-bit Left Loudspeaker Volume
Address: DCh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LS_R_VOLUME_MSB[7:0]
Bit Name
Reset
Function
LS_R_VOLUME_M
SB[7:0]
0000
0000
8 MSBs of the 10-bit Right Loudspeaker Volume
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com