Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 40 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 40 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 36Page - Dialog Semiconductor ATXP032 Datasheet HTML 37Page - Dialog Semiconductor ATXP032 Datasheet HTML 38Page - Dialog Semiconductor ATXP032 Datasheet HTML 39Page - Dialog Semiconductor ATXP032 Datasheet HTML 40Page - Dialog Semiconductor ATXP032 Datasheet HTML 41Page - Dialog Semiconductor ATXP032 Datasheet HTML 42Page - Dialog Semiconductor ATXP032 Datasheet HTML 43Page - Dialog Semiconductor ATXP032 Datasheet HTML 44Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 113 page
background image
38
ATXP032
DS-ATXP032–114I–4-2020
Note: Program Suspend and Erase Suspend commands cannot be used if the ADPD or AUDPD bits in
Status/Control register byte 2 are set.
Table 9-2 shows which operations are allowed and not allowed during a program or erase suspend operation
.
Table 9-1.
Commands Allowed/Not Allowed During a Program/Erase Operation or During a Program/Erase Suspend
Operation
Command
During Program or Erase
During Program
Suspend
During Erase
Suspend
Read Commands
Read Array, 4 byte address (0Bh, 0Ch)
Not Allowed
Allowed (1)
Allowed(1)
Read Array, 3 byte address (03h)
Not Allowed
Allowed(1)
Allowed(1)
Buffer Read (D4h)
Not Allowed
Allowed
Allowed
Program and Erase Commands
Block Erase (20h, 52h, D8h)
Not Allowed
Not Allowed
Not Allowed
Chip Erase (C7h, 60h)
Not Allowed
Not Allowed
Not Allowed
Byte/Page Program (02h)
Not Allowed
Not Allowed
Allowed(2)
Buffer Write (84h)
Not Allowed
Not Allowed
Allowed
Buffer to Main Memory Page Program without
Built-In Erase
Not Allowed
Not Allowed
Allowed
Program/Erase Suspend (B0h)
Allowed
N/A (2)
Program Suspend
Allowed
Program/Erase Resume (D0h)
Allowed
Allowed
Allowed
Protection Commands
Write Enable (06h)
Not Allowed
Allowed
Allowed
Write Disable (04h)
Not Allowed
Allowed (3)
Allowed(4)
Protect Sector (36h)
Not Allowed
Not Allowed
Not Allowed
Unprotect Sector (39h)
Not Allowed
Not Allowed
Not Allowed
Read Sector Protection Registers (3Ch)
Not Allowed
Allowed
Allowed
Security Commands
Program OTP Security Register (9Bh)
Not Allowed
Not Allowed
Not Allowed
Read OTP Security Register (77h)
Not Allowed
Allowed
Allowed
Status Register Commands
Read Status Registers (65h)
Allowed
Allowed
Allowed
Read Status Register Byte 1 (05h)
Allowed
Allowed
Allowed
Active Status Interrupt (25h)
Allowed
Allowed
Allowed
Write Status Register (01h, 31h)
Not Allowed
Not Allowed
Not Allowed
Write Status Registers (71h)
Not Allowed
Not Allowed
Not Allowed
Miscellaneous Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com