Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 30 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 30 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 26Page - Dialog Semiconductor ATXP032 Datasheet HTML 27Page - Dialog Semiconductor ATXP032 Datasheet HTML 28Page - Dialog Semiconductor ATXP032 Datasheet HTML 29Page - Dialog Semiconductor ATXP032 Datasheet HTML 30Page - Dialog Semiconductor ATXP032 Datasheet HTML 31Page - Dialog Semiconductor ATXP032 Datasheet HTML 32Page - Dialog Semiconductor ATXP032 Datasheet HTML 33Page - Dialog Semiconductor ATXP032 Datasheet HTML 34Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 113 page
background image
28
ATXP032
DS-ATXP032–114I–4-2020
time to determine if the data bytes have finished programming. For fastest throughput and least power
consumption, it is recommended that the Active Status Interrupt command 25h be used. After the initial 16 clocks,
no more clocks are required. Once the BUSY cycle is done, SO will be driven low immediately to signal the device
has finished programming. At some point before the program cycle completes, the WEL bit in the Status/Control
register is reset back to the logic “0” state.
The device also incorporates an intelligent programming algorithm that can detect when a byte location fails to
program properly. If a programming error arises, it is indicated by the EPE bit in the Status/Control register.
Note that in octal DDR mode, the byte program operation programs two bytes instead of one, and the page
program operation programs an even number of bytes. Address bit A
0 has to be 0 in this case.
Figure 9-1.
Byte Program
Figure 9-2.
Byte Program in Octal Mode — SDR
SCK
CS
SI
SO
MSB
MSB
2
3
1
0
0
0
0
0
0
0
1
0
6
7
5
4
10 11
9
8
12
39
37 38
44
47
46
45
42 43
40 41
Opcode
High-Impedance
A A A A
A A A
A A
MSB
D D D D D D D D
Address Bits A31-A0
Data In
DS
Byte
Data In
A23-16
A15-8
A7-0
A31-24
Address
02h
Opcode
1
0
5
3
4
2
I/O7-0
SCK
CS
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com