Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 52 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 52 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 48Page - Dialog Semiconductor ATXP032 Datasheet HTML 49Page - Dialog Semiconductor ATXP032 Datasheet HTML 50Page - Dialog Semiconductor ATXP032 Datasheet HTML 51Page - Dialog Semiconductor ATXP032 Datasheet HTML 52Page - Dialog Semiconductor ATXP032 Datasheet HTML 53Page - Dialog Semiconductor ATXP032 Datasheet HTML 54Page - Dialog Semiconductor ATXP032 Datasheet HTML 55Page - Dialog Semiconductor ATXP032 Datasheet HTML 56Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 113 page
background image
50
ATXP032
DS-ATXP032–114I–4-2020
Deasserting the CS pin terminates the read operation and put the SO pin into a high-impedance state. The CS pin
can be deasserted at any time and does not require that a full byte of data be read.
In addition to reading the individual Sector Protection registers, the Software Protection Status (SWP) bit in the
Status/Control register can be read to determine if all, some, or none of the sectors are software protected. (See
“Write Status Registers (71h)” on page 67 for more details.)
Figure 10-13. Read Sector Protection Register
Figure 10-14. Read Sector Protection Register in Octal Mode —SDR
Figure 10-15. Read Sector Protection Register in Octal Mode — DDR
D
D
D
D
D
D
D
D
A
A
A
A
A
A
A
A
MSB
MSB
LSB
MSB
0
0
1
1
1
1
0
0
Output Data Byte 1
Address Bits A31-A0
Opcode
DS
2
3
1
0
6
7
5
4
10 11
9
8
40 41
12
44 45
43
42
37 38
46
39
SI
SCK
SO
CS
Byte1
Byte2
Output Data
4 Dummy Cycles
A23-16
A15-8
A7-0
A31-24
Address
3Ch
Opcode
2
3
1
0
4
7
8
6
5
9
I/O7-0
SCK
CS
DS
D
D
Output
Data
Byte1 Byte2
4 Dummy Cycles
A
A
A
A
Address
Bits A
31
-A
0
3Ch
Opcode
2
1
0
5
4
3
7
6
I/O7-0
SCK
CS
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com