Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 63 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 63 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 59Page - Dialog Semiconductor ATXP032 Datasheet HTML 60Page - Dialog Semiconductor ATXP032 Datasheet HTML 61Page - Dialog Semiconductor ATXP032 Datasheet HTML 62Page - Dialog Semiconductor ATXP032 Datasheet HTML 63Page - Dialog Semiconductor ATXP032 Datasheet HTML 64Page - Dialog Semiconductor ATXP032 Datasheet HTML 65Page - Dialog Semiconductor ATXP032 Datasheet HTML 66Page - Dialog Semiconductor ATXP032 Datasheet HTML 67Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 113 page
background image
61
ATXP032
DS-ATXP032–114I–4-2020
12.2.5 PS (Program Suspend Status)
The PS bit indicates if a program operation has been suspended. If the PS bit is a Logic 1, then a program
operation has been suspended. See Section 9.6 for details about Program/Erase Suspend (B0h) and what
commands are allowed when the device is in this state.
12.2.6 ES (Erase Suspend Status)
The ES bit indicates whether or not an erase operation has been suspended. If the ES bit is a Logic 1, then an
erase operation (block, sector, or chip) has been suspended. See Section 9.6 for details about Program/Erase
Suspend (B0h) and what commands are allowed when the device is in this state.
12.3
Status/Control Register Byte 3
In octal mode, the “Burst Read with Wrap (0Ch)” instruction is used to perform the read operation with the “Wrap
Around” feature.
12.3.1 Wrap Length Bits
The wrap length bits are stored in the W6 and W5 bits of Status/Control Register Byte 3. The wrap-around mode is
set by W7. The wrap length and wrap mode set in either SPI or octal mode is still valid in any other mode. The wrap
bits do not have to be set again after changing mode.
If W7 is cleared, the “Burst Read with Wrap (0Ch)” instruction operates in continuous mode. It then reads to the
end of the line, wrap around to the beginning and continue reading the same line continuously for as long as
additional clock pulses are sent to SCK.
If W7 is set, the Burst Read with Wrap (0Ch) command reads to the end of the line, wrap around to the beginning
and continue reading the same line until all bytes of the first line have been read out once. In the next clock cycle,
the device starts reading at the beginning of the next line. This speeds up the loading of multiple cache lines in
cached MCUs significantly, and can increase the system throughput by 40% or more without increasing system
clock speeds.
See Table 12-7 below for wrap length settings.
12.3.2 WPP Bit
The WPP bit can be read to determine if the WP pin has been asserted or not. If the WP pin is floating, the WPP bit
as an undefined value. This bit is only used in single SPI mode. In octal mode, this bit is undefined.
12.3.3 Dummy Clock Bits
The P3 - P0 bits are used to set the number of dummy clock cycles used for the 0Bh and 0Ch read commands.The
default value after power up is 22, as this value always works independent of frequency. A lower value may be set
for lower operating frequencies as described in Table 12-8, Dummy Clock Cycles and Maximum Operating
Frequency — -40 oC to +85 oC.
In octal mode, to accommodate a wide range of applications with different needs for either maximum read
frequency or minimum data access latency, byte 3 of the Status/Control register can be used to configure the
number of dummy clocks for the Fast Read (0Bh), Read OTP Security Register (77h) and Burst Read with Wrap
(0Ch) commands, and to configure the number of bytes of ‘wrap length’ for the Burst Read with Wrap (0Ch)
command.
The dummy clocks for other Fast Read commands in Standard SPI mode are fixed, please refer toTable 7-1 for
details.
The default “wrap length” after a power up or a Reset command is 8 bytes, continuous mode. The default number
of dummy clocks is 22. The number of dummy clocks is only programmable for Fast Read (0Bh), Read OTP
Security Register (77h) and “Burst Read with Wrap (0Ch)” command in octal mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com