Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 69 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 69 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 65Page - Dialog Semiconductor ATXP032 Datasheet HTML 66Page - Dialog Semiconductor ATXP032 Datasheet HTML 67Page - Dialog Semiconductor ATXP032 Datasheet HTML 68Page - Dialog Semiconductor ATXP032 Datasheet HTML 69Page - Dialog Semiconductor ATXP032 Datasheet HTML 70Page - Dialog Semiconductor ATXP032 Datasheet HTML 71Page - Dialog Semiconductor ATXP032 Datasheet HTML 72Page - Dialog Semiconductor ATXP032 Datasheet HTML 73Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 113 page
background image
67
ATXP032
DS-ATXP032–114I–4-2020
Figure 12-4. Read Status Register Byte 1
Figure 12-5. Read Status Register Byte 1 in Octal Mode — SDR
Figure 12-6. Read Status Register Byte 1 in Octal Mode — DDR
12.7
Write Status Registers (71h)
All Status/Control registers may be written by using the generic Write Status Register command.
This command allows writing to all volatile Status/Control registers in a single operation for standard SPI mode and
octal SDR mode. However, in octal DDR mode, volatile Status/Control registers can only be written one at the time.
They cannot all be written in one operation as in octal SDR mode. Similarly, non-volatile Status/Control registers
must be written one at the time in any mode. They cannot all be written in one operation.
D
D
D
D
D
D
D
D
MSB
MSB
MSB
0
0
0
0
0
1
0
1
Status Register Byte 1
Opcode
D
D
D
D
D
D
D
D
MSB
Status Register Byte 1
D
D
DS
2
3
1
0
6
7
5
4
10 11
9
8
13 14
12
17 18
16
15
21 22
20
19
23 24
SI
SCK
SO
CS
Byte1
Byte1
Output Data
4 Dummy Cycles
05h
Opcode
2
3
1
0
4
5
I/O7-0
SCK
CS
DS
D
D
Output
Data
Byte1 Byte2
4 Dummy Cycles
05h
Opcode
2
1
0
5
4
3
I/O7-0
SCK
CS
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com