Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 17Page - Dialog Semiconductor ATXP032 Datasheet HTML 18Page - Dialog Semiconductor ATXP032 Datasheet HTML 19Page - Dialog Semiconductor ATXP032 Datasheet HTML 20Page - Dialog Semiconductor ATXP032 Datasheet HTML 21Page - Dialog Semiconductor ATXP032 Datasheet HTML 22Page - Dialog Semiconductor ATXP032 Datasheet HTML 23Page - Dialog Semiconductor ATXP032 Datasheet HTML 24Page - Dialog Semiconductor ATXP032 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 113 page
background image
19
ATXP032
DS-ATXP032–114I–4-2020
8.
Read Commands
8.1
Read Array (0Bh and 03h)
The Read Array command can be used to sequentially read a continuous stream of data from the device by simply
providing the clock signal once the initial starting address is specified. The device incorporates an internal address
counter that automatically increments every clock cycle.
Two opcodes (0Bh and 03h) can be used for the Read Array command. The use of each opcode depends on the
maximum clock frequency that will be used to read data from the device and the mode it operates in. The 0Bh
opcode can be used for any mode at any clock frequency up to the maximum specified by f
CLK. The 03h opcode
can only be used in SPI mode, and can be used for lower frequency read operations up to the maximum specified
by f
RDLF. To be compatible with older host controllers, the 03h opcode is using 3 address bytes instead of 4. This
allows the host controller to read data from the Flash memory without prior knowledge about what type of Flash
device it is connected to.
To perform the read array operation with 3-byte addressing using the 03h command, the CS pin must first be
asserted and the 03h command clocked into the device. After the command has been clocked in, the 3 address
bytes must be clocked in to specify the starting address location of the first byte to read within the memory array.
To perform the fast read array operation with 4-byte addressing using the 0Bh command, the CS pin must first be
asserted and the command 0Bh clocked into the device. After the command has been clocked in, the 4 address
bytes must be clocked in to specify the starting address location of the first byte to be read within the memory
array. After the command, one or more additional dummy bytes need to be clocked into the device. For the SPI
mode, one dummy byte is used. For octal mode, 8 or more dummy cycles are used as shown in Table 7-1 and
Table 12-8. Note that the table refers to full clock cycles, also for DDR modes. Half cycles are not used for dummy
cycles, the settings are a multiple of 2 full cycles.
Table 7-3.
Command Listing 3 — Commands Only Used in Octal Mode (8-8-8)
Command
Command
Maximum
Clock
Frequency
(MHz)
Address
Bytes
Dummy
Cycles
Data
Bytes
Section Link
Octal Mode
Read Commands
Burst Read with Wrap
0Ch
0000 1100
133(1)
4
8+ (1)
1+
8.2
Miscellaneous Commands
Echo
AAh
1010 1010
150
1 Value
Byte
4 (2)
1
13.12
Echo with Inversion
A5h
1010 0101
150
1 Value
Byte
4(2)
1
13.11
Return to Standard SPI Mode
FFh
1111 1111
150
0
0
0
13.15
1.
For more information, refer to Table 11-8, Dummy Clock cycles and Maximum Operating Frequency.
2.
Octal DDR mode adds an additional 1/2 dummy cycle to align the first byte of data to the rising edge of SCK/DS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com