Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 12Page - Dialog Semiconductor ATXP032 Datasheet HTML 13Page - Dialog Semiconductor ATXP032 Datasheet HTML 14Page - Dialog Semiconductor ATXP032 Datasheet HTML 15Page - Dialog Semiconductor ATXP032 Datasheet HTML 16Page - Dialog Semiconductor ATXP032 Datasheet HTML 17Page - Dialog Semiconductor ATXP032 Datasheet HTML 18Page - Dialog Semiconductor ATXP032 Datasheet HTML 19Page - Dialog Semiconductor ATXP032 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 113 page
background image
14
ATXP032
DS-ATXP032–114I–4-2020
Figure 6-4.
Single Data Rate (SDR) Operation in Octal Mode — Write Operations
6.3
Dual Data Rate Operation
The ATXP032 allows Dual Data Rate (DDR) operation in octal mode for additional increase of throughput speed.
Dual data rate operation is enabled by setting the SDR/DDR bit in Status/Control Register Byte 2.
Operation using DDR mode is identical to using Single Data Rate (SDR) mode, except that both edges of the clock
are used for clocking address and data. Commands are clocked on the rising edge of SCK, requiring a whole clock
cycle also in the DDR mode. In addition, for DDR mode 4 (or more) dummy cycles are required as shown in
Figures 6-5 and 6-6. An additional half dummy cycle is required for Octal DDR as described in Figure 6-5. The
number of dummy cycles required for each command is described in Tables 7-1 and 7-3, and in the individual
command descriptions. For read commands to the Flash memory array, the number of dummy cycles is dependent
on the clock frequency used. See Section 12.3, Status/Control Register Byte 3, for details.
Note that for DDR operation in octal mode, all read and write operations operate on an even number of bytes. The
minimum number of SCK pulses for clocking data is one, and as data is clocked on both edges, two bytes are read
or written. Address bit A
0 has to be always 0 in this mode to ensure correct alignment of the two bytes read or
written. If address bit A0 is set to 1, it is ignored and treated as A0 = 0 by the device. For register operations that
operate on a single 8-bit register, a read operation outputs the same register value on the first clock edge and the
data on the second clock edge is unpredictable. For write operations on a single 8-bit register read operation, only
the value on the first clock edge is written and the data on the second clock edge is ignored.
For high speed operation, the signal delays in the system need to be taken into account. The signal path going
from the SPI master to the memory device and back may cause so much skew between the SCK and the data that
the data read from the memory device is no longer synchronized with the outgoing SCK signal as seen by the SPI
master.
D5
D4
D1
D0
D6
D2
D7
D3
D5
D4
D1
D0
D6
D2
D7
D3
MSB
MSB
Input Data
Byte1
Byte2
A16
A8
A0
A17
A9
A1
A18
A10
A2
A19
A11
A3
A20
A12
A4
A21
A13
A5
A22
A14
A6
A23
A15
A7
Address Bits A
31
-A
0
A24
A25
A26
A27
A28
A29
A30
A31
MSB
O5
O4
O1
O0
O6
O2
O7
O3
MSB
Opcode
2
3
1
0
4
5
6
I/O0
(SI)
SCK
I/O1
(SO)
I/O2
(WP)
I/O3
CS
I/O4
I/O5
I/O6
I/O7
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com