Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 90 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 90 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 86Page - Dialog Semiconductor ATXP032 Datasheet HTML 87Page - Dialog Semiconductor ATXP032 Datasheet HTML 88Page - Dialog Semiconductor ATXP032 Datasheet HTML 89Page - Dialog Semiconductor ATXP032 Datasheet HTML 90Page - Dialog Semiconductor ATXP032 Datasheet HTML 91Page - Dialog Semiconductor ATXP032 Datasheet HTML 92Page - Dialog Semiconductor ATXP032 Datasheet HTML 93Page - Dialog Semiconductor ATXP032 Datasheet HTML 94Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 113 page
background image
88
ATXP032
DS-ATXP032–114I–4-2020
Figure 13-17. Echo in Octal Mode — SDR
Figure 13-18. Echo in Octal Mode — DDR
13.13 Echo with Inversion (A5)
The Echo with Inversion command is used for testing the signal integrity and delays on I/O lines. It continues to
output data as long as CS is held low and SCK is being clocked. It alternates between transmitting the input data
value it received and the inverse value. It is mostly intended for use in octal mode, but can also be used in the other
modes for generating specific waveforms.
In octal mode, any value sent creates an alternating pulse train. The value entered with the command determines
the value of the first byte returned. The next byte is inverted, and so on. So a value of 00h or FFh causes all the I/O
lines to have the same value and alternate between 00h and FFh, while a value of AAh or 55h alternates between
AAh and 55h.
This command is not supported in SPI mode.
Byte
Byte
Output Value
4 Dummy Cycles
Byte
Value
AAh
Opcode
2
3
1
0
6
5
4
I/O7-0
SCK
CS
DS
V
V
Output
Data
Byte Byte
3 Dummy Cycles
1/2 Dummy Cycle
for Octal DTR Alignment
V
Value
AAh
Opcode
2
1
0
5
4
3
I/O7-0
SCK
CS
DS
DDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com