Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 92 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 92 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 88Page - Dialog Semiconductor ATXP032 Datasheet HTML 89Page - Dialog Semiconductor ATXP032 Datasheet HTML 90Page - Dialog Semiconductor ATXP032 Datasheet HTML 91Page - Dialog Semiconductor ATXP032 Datasheet HTML 92Page - Dialog Semiconductor ATXP032 Datasheet HTML 93Page - Dialog Semiconductor ATXP032 Datasheet HTML 94Page - Dialog Semiconductor ATXP032 Datasheet HTML 95Page - Dialog Semiconductor ATXP032 Datasheet HTML 96Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 113 page
background image
90
ATXP032
DS-ATXP032–114I–4-2020
13.15 Return to Standard SPI Mode (FFh)
In order to exit the octal mode and return to the standard SPI mode, a Return to Standard SPI Mode command
must be issued.
Before the Return to Standard SPI Mode command can be issued, the Write Enable (06h) command must have
been previously issued to set the WEL bit in the Status/Control register to a logic 1.
To issue the Return to Standard SPI Mode command, the CS pin must first be asserted and the command of FFh
must be clocked into the device.
The WEL bit in Status/Control register byte 1 is reset back to the logic ‘0’ state. The SDR/DDR and OME bits in
Status/Control register byte 2 are all set to 0. The device returns to standard SPI mode, SDR, independent of
which mode it was in prior to issuing this command.
Figure 13-22. Return to Standard SPI Mode from Octal Mode — SDR
Figure 13-23. Return to Standard SPI Mode from Octal Mode — DDR
13.16 Read SFDP (5Ah)
The ATXP032 contains a 256-byte Serial Flash Discoverable Parameter (SFDP) register.
The SFDP register can be sequentially read in a similar fashion to the read array operation up to the maximum
clock frequency specified by f
RDLF. To read the SFDP security register, the CS pin must first be asserted and the
command of 5Ah must be clocked into the device. After the command has been clocked in, the three address bytes
must be clocked in to specify the starting address location of the first byte to read within the SFDP security register.
Following the three address bytes, eight additional dummy cycles (8 dummy cycles = 1 dummy byte in SPI mode)
need to be clocked into the device. Note that this means eight complete clock cycles, also for DDR modes. Octal
DDR mode has an additional 1/2 dummy cycle, due to clock alignment.
Note that even though this device otherwise is using 4-byte addressing, SFDP is always using 3-byte addressing.
FFh
Opcode
0
I/O7-0
SCK
CS
DS
FFh
Opcode
0
I/O7-0
SCK
CS
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com