Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 87 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 87 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 83Page - Dialog Semiconductor ATXP032 Datasheet HTML 84Page - Dialog Semiconductor ATXP032 Datasheet HTML 85Page - Dialog Semiconductor ATXP032 Datasheet HTML 86Page - Dialog Semiconductor ATXP032 Datasheet HTML 87Page - Dialog Semiconductor ATXP032 Datasheet HTML 88Page - Dialog Semiconductor ATXP032 Datasheet HTML 89Page - Dialog Semiconductor ATXP032 Datasheet HTML 90Page - Dialog Semiconductor ATXP032 Datasheet HTML 91Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 113 page
background image
85
ATXP032
DS-ATXP032–114I–4-2020
The reset sequence does not use the SCK pin. The SCK pin has to be held low (mode 0) or high (mode 3) through
the entire reset sequence. This prevents any confusion with a command, as no command bits are transferred
(clocked).
A reset is commanded when the data on the SI pin is 0101 on four consecutive positive edges of the CS pin with no
edge on the SCK pin throughout. This is a sequence where:
1.
CS
is driven active low to select the device.
2.
Clock (SCK) remains stable in either a high or low state.
3.
SI is driven low by the bus master, simultaneously with CS going active low. No SPI bus slave drives SI during CS
low before a transition of SCK i.e.: slave streaming output active is not allowed until after the first edge of SCK.
4.
CS
is driven inactive. The slave captures the state of SI on the rising edge of CS.
The above steps are repeated 4 times, each time alternating the state of SI.
After the fourth CS pulse, the slave triggers its internal reset. SI is low on the first CS, high on the second, low on
the third, high on the fourth. This provides a value of 5h, unlike random noise. Any activity on SCK during this time
will halt the sequence and a Reset will not be generated.
After a JEDEC hardware reset while the device is in UDPD mode, the SRAM buffer is reset to an undefined value.
All volatile Status/Control registers, including the Sector Protection Bits, are reset to their default values, except in
the following case: If the AUDP bit in Status/Control register byte 2 was set prior to the last Program or Erase
command, the device entered the UDPD mode after a Program or Erase command finished, and the JEDEC
hardware reset is used to wake up the device from UDPD mode, then the EPE bit is not reset. In this case the EPE
bit still shows the correct status after the latest Program or Erase command. All non-volatile Status/Control
registers keep the value they had prior to reset.
After a JEDEC hardware reset while the device is in any other mode than UDPD mode, the SRAM buffer keeps the
values it had prior to reset, with the following exception: If the reset sequence is initiated during an update of the
SRAM buffer, the contents of the SRAM buffer may be corrupted. All volatile Status/Control registers, including the
sector protection bits, are reset to their default values. All non-volatile Status/Control registers keep the value they
had prior to reset, with the following exception: If the reset sequence is initiated during a write to a non-volatile
Status/Control register, the value of that register may be corrupted.
The device always reverts back to standard SPI mode after JEDEC hardware reset.
Figure 13-14 below illustrates the timing for the JEDEC hardware reset operation.
Figure 13-14. JEDEC Standard Hardware Reset
SI
SCK
CS
t
CL
t
CH
Internal Reset
mode 3
mode 0
t
XUDPD
Device is ready
t
S
t
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com