Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 68 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 68 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 64Page - Dialog Semiconductor ATXP032 Datasheet HTML 65Page - Dialog Semiconductor ATXP032 Datasheet HTML 66Page - Dialog Semiconductor ATXP032 Datasheet HTML 67Page - Dialog Semiconductor ATXP032 Datasheet HTML 68Page - Dialog Semiconductor ATXP032 Datasheet HTML 69Page - Dialog Semiconductor ATXP032 Datasheet HTML 70Page - Dialog Semiconductor ATXP032 Datasheet HTML 71Page - Dialog Semiconductor ATXP032 Datasheet HTML 72Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 113 page
background image
66
ATXP032
DS-ATXP032–114I–4-2020
Figure 12-3. Read Status/Control Registers in Octal Mode — DDR
12.6
Read Status Register Byte 1 (05h)
Status/Control Register Byte 1 can be read to determine the device's ready/busy status, as well as the status of
many other functions such as Hardware Locking and Software Protection. Status/Control Register Byte 1 can be
read at any time, including during an internally self-timed program or erase operation.
To read Status/Control Register Byte 1, the CS pin must first be asserted and the 05h command must be clocked
into the device. In Octal mode, 4 dummy cycles have to be clocked into the device. After the command and dummy
cycles have been clocked in, the device begins outputting Status/Control register data on the I/O pins during every
subsequent clock cycle. After the last bit (0) of Status/Control Register Byte 1 has been clocked out, the sequence
repeats itself, starting again with bit 7 of Status/Control Register Byte 1, as long as the CS pin remains asserted
and the clock pin is being pulsed. The data in the Status/Control register is constantly being updated, so each
repeating sequence may output new data.
Deasserting the CS pin terminates the Read Status Register Byte 1 (05h) operation and put the I/O pins into a
high-impedance state. The CS pin can be deasserted at any time and does not require that a full byte of data be
read.
12.6.1 Reading Status Register Byte 1 while in Deep Power-Down
The Read Status Register Byte 1 (05h) command also works while in Deep Power-Down. The DPDS bit in
Status/Control register 1 reads as 1 in this case, while the RDY/BSY and the UDPDS bits reads as 0. This
indicates that the device is in deep power-down.
12.6.2 Reading Status Register Byte 1 while in Ultra-Deep Power-Down
In ultra-deep power-down mode, the Read Status Register Byte 1 (05h) command is only supported in standard
SPI mode. All bits are read as 1 in this mode. Specifically, the UDPDS bit reads as 1 in this mode, and only in this
mode, and can therefore be used as a clear indication that the device is in ultra-deep power-down.
D
D
Output
Data
Byte1 Byte2
3 Dummy Cycles
1/2 Dummy Cycle
for Octal DTR Alignment
A
Address
Bits A
7
-A
0
65h
Opcode
2
1
0
5
4
3
I/O7-0
SCK
CS
DS
DDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com