Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 29 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 29 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 25Page - Dialog Semiconductor ATXP032 Datasheet HTML 26Page - Dialog Semiconductor ATXP032 Datasheet HTML 27Page - Dialog Semiconductor ATXP032 Datasheet HTML 28Page - Dialog Semiconductor ATXP032 Datasheet HTML 29Page - Dialog Semiconductor ATXP032 Datasheet HTML 30Page - Dialog Semiconductor ATXP032 Datasheet HTML 31Page - Dialog Semiconductor ATXP032 Datasheet HTML 32Page - Dialog Semiconductor ATXP032 Datasheet HTML 33Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 113 page
background image
27
ATXP032
DS-ATXP032–114I–4-2020
Figure 8-13. Buffer Read
9.
Program and Erase Commands
9.1
Byte/Page Program (02h)
The Byte/Page Program command allows anywhere from a single byte of data to 256 bytes of data to be
programmed into previously erased memory locations. An erased memory location is one that has all eight bits set
to the logic “1” state (a byte value of FFh). Before a Byte/Page Program command can be started, the Write Enable
command must have been previously issued to the device (see “Write Enable (06h)” on page 42) to set the Write
Enable Latch (WEL) bit of the Status/Control register to a logic “1” state.
To perform a Byte/Page Program command, an command of 02h must be clocked into the device followed by the
four address bytes denoting the first byte location of the memory array to begin programming at. After the address
bytes have been clocked in, data can then be clocked into the device and is stored in an internal buffer.
If the starting memory address denoted by A
31 - A0 does not fall on an even 256-byte page boundary (A7 - A0 are
not all 0), then special circumstances regarding which memory locations to be programmed apply. In this situation,
any data that is sent to the device that goes beyond the end of the page wraps around back to the beginning of the
same page. For example, if the starting address denoted by A
31 - A0 is 0000FEh, and three bytes of data are sent
to the device, then the first two bytes of data is programmed at addresses 0000FEh and 0000FFh while the last
byte of data is programmed at address 000000h. The remaining bytes in the page (addresses 000001h through
0000FDh) are not programmed and remain in the erased state (FFh). In addition, if more than 256 bytes of data are
sent to the device, then only the last 256 bytes sent is latched into the internal buffer.
When the CS pin is deasserted, the device takes the data stored in the internal buffer and programs it into the
appropriate memory array locations based on the starting address specified by A
31-A0 and the number of data
bytes sent to the device. If less than 256 bytes of data were sent to the device, then the remaining bytes within the
page are not programmed and remain in the erased state (FFh). The programming of the data bytes is internally
self-timed and should take place in a time of t
PP or tBP if only programming a single byte.
The four address bytes and at least one complete byte of data must be clocked into the device before the CS pin is
deasserted, and the CS pin must be deasserted on whole byte boundaries (multiples of eight bits); otherwise, the
device aborts the operation and no data is programmed into the memory array. In addition, if the memory is in the
protected state, then the Byte/Page Program command is not executed, and the device returns to the idle state
once the CS pin has been deasserted. The WEL bit in the Status/Control register is reset back to the logic “0” state
if the program cycle aborts due to an incomplete address being sent, an incomplete byte of data being sent, or
because the memory location to be programmed is protected.
While the device is programming, the Status/Control register can be read and indicates that the device is busy. For
faster throughput, it is recommended that the Status/Control register be polled rather than waiting the t
BP or tPP
D
D
D
D
D
D
D
D
X
X
X
X
X
X
X
X
A
A
A
A
A
A
A
A
MSB
MSB
LSB
MSB
1
1
0
1
0
1
0
0
Output Data Byte 1
Dummy Byte
Address Bits A31-A0
Opcode
DS
2
3
1
0
6
7
5
4
10 11
9
8
48 49
12
52 53
51
50
37 38
54
41 42
40
39
45 46
44
43
47
SI
SCK
SO
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com