Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 33Page - Dialog Semiconductor ATXP032 Datasheet HTML 34Page - Dialog Semiconductor ATXP032 Datasheet HTML 35Page - Dialog Semiconductor ATXP032 Datasheet HTML 36Page - Dialog Semiconductor ATXP032 Datasheet HTML 37Page - Dialog Semiconductor ATXP032 Datasheet HTML 38Page - Dialog Semiconductor ATXP032 Datasheet HTML 39Page - Dialog Semiconductor ATXP032 Datasheet HTML 40Page - Dialog Semiconductor ATXP032 Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 113 page
background image
35
ATXP032
DS-ATXP032–114I–4-2020
Figure 9-15. Block Erase in Octal Mode — DDR
9.5
Chip Erase (60h or C7h)
The entire memory array can be erased in a single operation by using the Chip Erase command. Before a Chip
Erase command can be started, the Write Enable command must have been previously issued to the device to set
the WEL bit of the Status/Control Register to a logic “1” state.
Two commands (60h and C7h) can be used for the Chip Erase command. There is no difference in device
functionality when utilizing the two commands, so they can be used interchangeably. To perform a Chip Erase, one
of the two commands must be clocked into the device. Since the entire memory array is to be erased, no address
bytes need to be clocked into the device, and any data clocked in after the command is ignored. When the CS pin
is deasserted, the device erases the entire memory array. The erasing of the device is internally self-timed and
should take place in a time of t
CHPE.
The complete command must be clocked into the device before the CS pin is deasserted, and the CS pin must be
deasserted on a whole byte boundary (multiples of eight bits); otherwise, no erase is performed. In addition, if any
sector in the memory array is in the protected state, then the Chip Erase command is not executed, and the device
returns to the idle state once the CS pin has been deasserted. The WEL bit in the Status/Control register is reset
back to the logic “0” state if the CS pin is deasserted before a whole byte is finished, or if the memory is in the
protected state.
While the device is executing a successful erase cycle, the Status/Control register can be read and indicates that
the device is busy. For faster throughput, it is recommended that the Status/Control register be polled rather than
waiting the t
CHPE time to determine if the device has finished erasing. At some point before the erase cycle
completes, the WEL bit in the Status/Control register is reset back to the logic “0” state.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase
properly. If an erase error occurs, it is indicated by the EPE bit in the Status/Control register.
A
A
A
A
Address
Bits A
31
-A
0
O
2
1
0
I/O7-0
SCK
CS
DS
Opcode
(20h, 52h
or D8h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com