Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 22 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 18Page - Dialog Semiconductor ATXP032 Datasheet HTML 19Page - Dialog Semiconductor ATXP032 Datasheet HTML 20Page - Dialog Semiconductor ATXP032 Datasheet HTML 21Page - Dialog Semiconductor ATXP032 Datasheet HTML 22Page - Dialog Semiconductor ATXP032 Datasheet HTML 23Page - Dialog Semiconductor ATXP032 Datasheet HTML 24Page - Dialog Semiconductor ATXP032 Datasheet HTML 25Page - Dialog Semiconductor ATXP032 Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 113 page
background image
20
ATXP032
DS-ATXP032–114I–4-2020
Note that for DDR operation in octal mode, all read operations operate on an even number of bytes. The minimum
number of SCK pulses for clocking data is one, and as data is clocked on both edges, two bytes are read. Address
bit A
0 has to be always 0 in this mode to ensure correct alignment of the two bytes read or written. If address bit A0
is set to 1, it is ignored and treated as A
0 = 0 by the device.
After the address bytes (and the dummy bytes if using command 0Bh) have been clocked in, additional clock
cycles result in data being output on the I/O pin(s). The data is always output with the MSB of a byte first. When the
last byte (3FFFFFh) of the memory array has been read, the device continues reading back at the beginning of the
array (000000h). No delays are incurred when wrapping around from the end of the array to the beginning of the
array.
Deasserting the CS pin terminates the read operation and put the I/O pins into high-impedance state. The CS pin
can be deasserted at any time and does not require a full byte of data be read.
Figure 8-1.
Read Array with 3-byte Address — 03h Command
Figure 8-2.
Read Array — 0Bh Command
D
D
D
D
D
D
D
D
A
A
A
A
A
A
A
A
MSB
MSB
LSB
MSB
0
0
0
0
0
0
1
1
Output Data Byte 1
Address Bits A23-A0
Opcode
DS
2
3
1
0
6
7
5
4
10 11
9
8
32 33
12
36 37
35
34
29 30
38
31
SI
SCK
SO
CS
D
D
D
D
D
D
D
D
X
X
X
X
X
X
X
X
A
A
A
A
A
A
A
A
MSB
MSB
LSB
MSB
0
0
0
0
1
0
1
1
Output Data Byte 1
Dummy Byte
Address Bits A31-A0
Opcode
DS
2
3
1
0
6
7
5
4
10 11
9
8
48 49
12
52 53
51
50
37 38
54
41 42
40
39
45 46
44
43
47
SI
SCK
SO
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com