Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 49 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 49 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 45Page - Dialog Semiconductor ATXP032 Datasheet HTML 46Page - Dialog Semiconductor ATXP032 Datasheet HTML 47Page - Dialog Semiconductor ATXP032 Datasheet HTML 48Page - Dialog Semiconductor ATXP032 Datasheet HTML 49Page - Dialog Semiconductor ATXP032 Datasheet HTML 50Page - Dialog Semiconductor ATXP032 Datasheet HTML 51Page - Dialog Semiconductor ATXP032 Datasheet HTML 52Page - Dialog Semiconductor ATXP032 Datasheet HTML 53Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 113 page
background image
47
ATXP032
DS-ATXP032–114I–4-2020
Figure 10-10. Unprotect Sector
Figure 10-11. Unprotect Sector in Octal Mode — SDR
Figure 10-12. Unprotect Sector in Octal Mode — DDR
10.5
Global Protect/Unprotect
The global protect and global unprotect features can work in conjunction with the Protect Sector command and the
Unprotect Sector command. For example, a system can globally protect the entire memory array and then use the
Unprotect Sector command to individually unprotect certain sectors and individually re-protect them later by using
the Protect Sector command. Likewise, a system can globally unprotect the entire memory array and then
individually protect certain sectors as needed.
SCK
CS
SI
SO
MSB
MSB
2
3
1
0
0
0
1
1
1
0
0
1
6
7
5
4
10 11
9
8
12
39
37 38
35 36
34
Opcode
A
A
A
A
A
A
A
A
A
A
A
A
Address Bits A31-A0
High-Impedance
DS
A23-16
A15-8
A7-0
A31-24
Address
39h
Opcode
1
0
3
4
2
I/O7-0
SCK
CS
DS
A
A
A
A
Address
Bits A
31
-A
0
39h
Opcode
2
1
0
I/O7-0
SCK
CS
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com