Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 51 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 51 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 47Page - Dialog Semiconductor ATXP032 Datasheet HTML 48Page - Dialog Semiconductor ATXP032 Datasheet HTML 49Page - Dialog Semiconductor ATXP032 Datasheet HTML 50Page - Dialog Semiconductor ATXP032 Datasheet HTML 51Page - Dialog Semiconductor ATXP032 Datasheet HTML 52Page - Dialog Semiconductor ATXP032 Datasheet HTML 53Page - Dialog Semiconductor ATXP032 Datasheet HTML 54Page - Dialog Semiconductor ATXP032 Datasheet HTML 55Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 113 page
background image
49
ATXP032
DS-ATXP032–114I–4-2020
Essentially, if the SPRL bit of the Status/Control register is in the logic “0” state (Sector Protection registers are not
locked), then writing a 00h to the Status/Control register performs a global unprotect without changing the state of
the SPRL bit. Similarly, writing a 7Fh to the Status/Control register performs a global protect and keeps the SPRL
bit in the logic “0” state. The SPRL bit can, of course, be changed to a logic “1” by writing an FFh if software-locking
or hardware-locking is desired along with the global protect.
If the desire is to only change the SPRL bit without performing a global protect or global unprotect, then the system
can write a 0Fh to the Status/Control register to change the SPRL bit from a logic “1” to a logic “0” provided the WP
pin is deasserted. Likewise, the system can write an F0h to change the SPRL bit from a logic “0” to a logic “1”
without affecting the current sector protection status (no changes will be made to the Sector Protection registers).
When writing to the Status/Control register, bits 5, 4, 3, and 2 are not actually modified, but are decoded by the
device for the purposes of the Global Protect and Global Unprotect functions. Only bit 7, the SPRL bit, is actually
modified. Therefore, when reading the Status/Control register, bits 5, 4, 3, and 2 do not reflect the values written to
them but instead indicate the status of the WP pin and the sector protection status. Please refer to the Read Status
Register Byte 1 (05h) section and Table 12-3 on page 56 for details on the Status/Control register format and what
values can be read for bits 5, 4, 3, and 2.
10.6
Read Sector Protection Registers (3Ch)
The Sector Protection registers can be read to determine the current software protection status of each sector.
Reading the Sector Protection registers, however, does not determine the status of the WP pin.
To execute a Read Sector Protection Register command for a particular sector, the CS pin must first be asserted
and the 3Ch command must be clocked in. Once the command has been clocked in, four address bytes
designating any address within the sector must be clocked in. After the last address byte has been clocked in, the
device begins outputting data on the SO pin during every subsequent clock cycle. The data being output is a
repeating byte of either FFh or 00h to denote the value of the appropriate Sector Protection register.
1
1
0 x 0 0 0 0 x x
0 x 0 0 0 1 x x
⁞
0 x 1 1 1 0 x x
0 x 1 1 1 1 x x
1 x 0 0 0 0 x x
1 x 0 0 0 1 x x
⁞
1 x 1 1 1 0 x x
1 x 1 1 1 1 x x
No change to the current protection level. All sectors currently
protected will remain protected, and all sectors currently unprotected
will remain unprotected.
The Sector Protection Registers are soft-locked and cannot be
changed when the current state of SPRL is 1. Therefore, a Global
Protect/Unprotect will not occur. However, the SPRL bit can be
changed back to a 0 from a 1 since the WP pin is HIGH. To perform a
Global Protect/Unprotect, the Write Status Register command must
be issued again after the SPRL bit has been changed from a 1 to a 0.
0
0
0
0
0
1
1
1
1
1
Table 10-2. Valid SPRL and Global Protect/Unprotect Conditions (Continued)
WP
State
Current
SPRL
Value
New
Write Status
Register Data
Protection Operation
New
SPRL
Value
Bit
7 6 5 4 3 2 1 0
Table 10-3. Read Sector Protection Register – Output Data
Output Data
Sector Protection Register Value
00h
Sector Protection Register value is 0 (sector is unprotected).
FFh
Sector Protection Register value is 1 (sector is protected).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com