Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 95 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 95 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 91Page - Dialog Semiconductor ATXP032 Datasheet HTML 92Page - Dialog Semiconductor ATXP032 Datasheet HTML 93Page - Dialog Semiconductor ATXP032 Datasheet HTML 94Page - Dialog Semiconductor ATXP032 Datasheet HTML 95Page - Dialog Semiconductor ATXP032 Datasheet HTML 96Page - Dialog Semiconductor ATXP032 Datasheet HTML 97Page - Dialog Semiconductor ATXP032 Datasheet HTML 98Page - Dialog Semiconductor ATXP032 Datasheet HTML 99Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 113 page
background image
93
ATXP032
DS-ATXP032–114I–4-2020
14.
Electrical Specifications
14.1
Absolute Maximum Ratings*
Temperature under bias . . . . . . . . -55°C to +125°C
*Notice: Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other
conditions beyond those indicated in the operational
sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect device reliability.
Storage temperature . . . . . . . . . . -65°C to +150°C
All input voltages
(including NC Pins)
with respect to ground . . . . . -0.6V to + V
CC + 0.5V
All output voltages
with respect to ground . . . . . . .-0.6V to V
CC + 0.5V
14.2
DC and AC Operating Range
Parameter
Condition
Range
Operating temperature (case, packaged parts)
Industrial
-40°C to 85°C
Operating temperature (DWF)
Extended
-40°C to 105°C
VCC power supply
1.70 - 1.95V
14.3
DC Characteristics — 85 oC
Note: All parameters are specified for industrial temperature range (-40°C to 85°C).
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
UDPD
Ultra-deep power-down current
CS = V
CC. All other inputs at 0V or VCC
0.06 (1)
1
µA
IDPD
Deep power-down current
CS = VCC. All other inputs at 0V or VCC
4
12
µA
I
SB
Standby current, SPI mode
CS = V
CC. All other inputs at 0V or VCC
20
40
µA
Standby current in octal mode
CS = V
CC. All other inputs at 0V or VCC
35
55
I
CC2
Active current,
read operation, packaged part
(QFN24/BGA24/WLCSP)
1-pin SDR (Read @ 1pf
load)
66 MHz
10
11
mA
8-pin DDR (Read @ 1pf
load)
66 MHz
22
30
100 MHz
28
32
133 MHz
34
37
8-pin SDR (Read @ 1pf
load)
133 MHz
30
34
ICC3
Active current, program operation
CS = VCC
11.5
13
mA
I
CC4
Active current,
erase operation
CS = V
CC;
10.5
12
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com