Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 97 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 97 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 93Page - Dialog Semiconductor ATXP032 Datasheet HTML 94Page - Dialog Semiconductor ATXP032 Datasheet HTML 95Page - Dialog Semiconductor ATXP032 Datasheet HTML 96Page - Dialog Semiconductor ATXP032 Datasheet HTML 97Page - Dialog Semiconductor ATXP032 Datasheet HTML 98Page - Dialog Semiconductor ATXP032 Datasheet HTML 99Page - Dialog Semiconductor ATXP032 Datasheet HTML 100Page - Dialog Semiconductor ATXP032 Datasheet HTML 101Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 113 page
background image
95
ATXP032
DS-ATXP032–114I–4-2020
14.4
DC Characteristics — 105 oC
Note: All parameters are specified for industrial temperature range (-40°C to 105°C).
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
UDPD
Ultra-deep power-down current
CS = V
CC. All other inputs at 0V or VCC
0.06 (1)
2
µA
IDPD
Deep power-down current
CS = VCC. All other inputs at 0V or VCC
4
19
µA
I
SB
Standby current, SPI mode
CS = V
CC. All other inputs at 0V or VCC
20
50
µA
Standby current in octal mode
CS = V
CC. All other inputs at 0V or VCC
35
65
I
CC2
Active current,
read operation, packaged part
(QFN24/BGA24/WLCSP)
1-pin SDR (Read @ 1pf
load)
66 MHz
10
11
mA
8-pin DDR (Read @ 1pf
load)
66 MHz
22
30
100 MHz
28
32
133 MHz
34
37
8-pin SDR (Read @ 1pf
load)
133 MHz
30
34
ICC3
Active current, program operation
CS = VCC
11.5
13
mA
I
CC4
Active current,
erase operation
CS = V
CC;
10.5
12
mA
I
LI
Input load current
All inputs at CMOS levels
(0V to V
CC x 0.3 or VCC x 0.7 to VCC)
±2 (2)
µA
I
LO
Output leakage current
All inputs at CMOS levels
(0V to V
CCx 0.3 or VCCx 0.7 to VCC)
-1
1
µA
VIL(AC)
Input low voltage (AC)
-0.3
VCC x
0.3
V
VIH(AC)
Input high voltage (AC)
VCC x
0.7
VCC +
0.3
V
VIL(DC)
Input low voltage (DC)
-0.3
VCC x
0.35
V
VIH(DC)
Input high voltage (DC)
VCC x
0.65
VCC x
1.15
V
VOL
Output low voltage
IOL = 2mA
VCC x
0.25
V
VOH
Output high voltage
IOH = -2mA
VCC x
0.75
V
VT
Clock reference point for timing measurements
VCC x 0.5
V
Z
0
Nominal line impedance
Driver type 0x00, x1
50
Ω
Driver type 0x02, x0.75
66
Ω
Driver type 0x03, x0.5
100
Ω
T
d
Transmission line delay
DDR, f = 133 MHz
0.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com