Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 78 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 78 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 74Page - Dialog Semiconductor ATXP032 Datasheet HTML 75Page - Dialog Semiconductor ATXP032 Datasheet HTML 76Page - Dialog Semiconductor ATXP032 Datasheet HTML 77Page - Dialog Semiconductor ATXP032 Datasheet HTML 78Page - Dialog Semiconductor ATXP032 Datasheet HTML 79Page - Dialog Semiconductor ATXP032 Datasheet HTML 80Page - Dialog Semiconductor ATXP032 Datasheet HTML 81Page - Dialog Semiconductor ATXP032 Datasheet HTML 82Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 113 page
background image
76
ATXP032
DS-ATXP032–114I–4-2020
Figure 13-1. Read Manufacturer and Device ID
13.2
Deep Power-Down (B9h)
During normal operation, the device is placed in the standby mode to consume less power as long as the CS pin
remains deasserted and no internal operation is in progress. The Deep Power-Down command offers the ability to
place the device into an even lower power consumption state called the deep power-down mode.
When the device is in the deep power-down mode, all commands are ignored with the exception of the Read
Status Register Byte 1 (05h) command and the Resume from Deep Power-Down (ABh) command. Since all write
commands are ignored, the mode can be used as an extra protection mechanism against program and erase
operations.
Entering the deep power-down mode is accomplished by simply asserting the CS pin, clocking in the command of
B9h, and then deasserting the CS pin. Any additional data clocked into the device after the command is ignored.
When the CS pin is deasserted, the device enters the deep power-down mode within the maximum time of t
EDPD.
The complete command must be clocked in before the CS pin is deasserted, and the CS pin must be deasserted
on a whole byte boundary (multiples of eight bits); otherwise, the device aborts the operation and returns to the
standby mode once the CS pin is deasserted. In addition, the device defaults to the standby mode after a power-
cycle.
The Deep Power-Down command is ignored if an internally self-timed operation such as a program or erase cycle
is in progress. The Deep Power-Down command must be reissued after the internally self-timed operation has
been completed in order for the device to enter the deep power-down mode.
SCK
CS
SI
SO
6
0
9Fh
8
7
103
43h
A7h
00h
01h
70
72
71
78
80
79
86
88
87
94
96
95
00h
102
Opcode
Manufacturer ID
Note: Each Transition
shown for SI and SO represents one byte (8 bits)
High-Impedance
Device ID
Byte 1
Device ID
Byte 2
Extended Device
Information
String Length
DS
7Fh
Continuation Code
14
16
15
62
64
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com