Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 35 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 35 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 31Page - Dialog Semiconductor ATXP032 Datasheet HTML 32Page - Dialog Semiconductor ATXP032 Datasheet HTML 33Page - Dialog Semiconductor ATXP032 Datasheet HTML 34Page - Dialog Semiconductor ATXP032 Datasheet HTML 35Page - Dialog Semiconductor ATXP032 Datasheet HTML 36Page - Dialog Semiconductor ATXP032 Datasheet HTML 37Page - Dialog Semiconductor ATXP032 Datasheet HTML 38Page - Dialog Semiconductor ATXP032 Datasheet HTML 39Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 113 page
background image
33
ATXP032
DS-ATXP032–114I–4-2020
Figure 9-11. Buffer to Main Memory Page Program without Built-In Erase in Octal Mode — SDR
Figure 9-12. Buffer to Main Memory Page Program without Built-In Erase in Octal Mode — DDR
9.4
Block Erase
A block of 4, 32, or 64 Kbytes can be erased (all bits set to the logic “1” state) in a single operation by using one of
three different commands for the Block Erase command. The 20h command is used for a 4-Kbyte erase, the 52h
command for a 32-Kbyte erase, and the D8h command is used for a 64-Kbyte erase. Before a Block Erase
command can be started, the Write Enable command must have been previously issued to the device to set the
WEL bit of the Status/Control register to a logic “1” state.
To perform a block erase operation, the CS pin must first be asserted and the appropriate command (20h, 52h, or
D8h) must be clocked into the device. After the command has been clocked in, the four address bytes specifying
an address within the
4-, 32-, or 64-Kbyte block to be erased must be clocked in. Any additional data clocked into the device is ignored.
When the CS pin is deasserted, the device erases the appropriate block. The erasing of the block is internally self-
timed and should take place in a time of t
BLKE.
Since the Block Erase command erases a region of bytes, the lower order address bits do not need to be decoded
by the device. Therefore, for a 4-Kbyte erase, address bits A
11 - A0 are ignored by the device and their values can
be either a logic “1” or “0”. For a 32-Kbyte erase, address bits A
14 - A0 are ignored by the device. For a 64-Kbyte
erase, address bits A
15 - A0 are ignored by the device. Despite the lower order address bits not being decoded by
the device, the complete four address bytes must still be clocked into the device before the CS pin is deasserted,
and the CS pin must be deasserted on a whole byte boundary (multiples of eight bits), Otherwise, the device aborts
the operation and no erase operation is performed.
If the memory is in the protected state, then the Block Erase command is not executed, and the device returns to
the idle state once the CS pin has been deasserted.
A23-16
A15-8
A7-0
A31-24
Address
88h
Opcode
1
0
3
4
2
I/O7-0
SCK
CS
DS
A
A
A
A
Address
Bits A
31
-A
0
88h
Opcode
2
1
0
I/O7-0
SCK
CS
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com