Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 82 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 82 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 78Page - Dialog Semiconductor ATXP032 Datasheet HTML 79Page - Dialog Semiconductor ATXP032 Datasheet HTML 80Page - Dialog Semiconductor ATXP032 Datasheet HTML 81Page - Dialog Semiconductor ATXP032 Datasheet HTML 82Page - Dialog Semiconductor ATXP032 Datasheet HTML 83Page - Dialog Semiconductor ATXP032 Datasheet HTML 84Page - Dialog Semiconductor ATXP032 Datasheet HTML 85Page - Dialog Semiconductor ATXP032 Datasheet HTML 86Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 113 page
background image
80
ATXP032
DS-ATXP032–114I–4-2020
Figure 13-7. Resume from Deep Power-Down in Octal Mode — DDR
13.5
Ultra-Deep Power-Down (79h)
The ultra-deep power-down mode allows the device to further reduce its energy consumption compared to the
existing standby and deep power-down modes by shutting down additional internal circuitry. When the device is in
the ultra-deep power-down mode, the Read Status Register Byte 1 (05h) command is the only command that the
device recognizes. When reading the Status/Control registers in this mode, all bits are read as “1”, indicating that
the device is in UDPD mode. All other commands, including the Resume from Deep Power-Down or Ultra-Deep
Power-Down (ABh) commands, are ignored.
Since all write commands are ignored, the mode can be used as an extra protection mechanism against
inadvertent or unintentional program and erase operations. Entering the ultra-deep power-down mode is
accomplished by simply asserting the CS pin, clocking in the command 79h, and then deasserting the CS pin. Any
additional data clocked into the device after the command is ignored. When the CS pin is deasserted, the device
enters the ultra-deep power-down mode within the maximum time of t
EUDPD.
The complete command must be clocked in before the CS pin is deasserted; otherwise, the device aborts the
operation and returns to the standby mode once the CS pin is deasserted. In addition, the device defaults to the
standby mode after a power cycle. The Ultra-Deep Power-Down command is ignored if an internally self-timed
operation such as a program or erase cycle is in progress.
All input pins have to be at valid CMOS levels to minimize power consumption in ultra-deep power-down mode.
Upon recovery from ultra-deep power-down mode, all internal registers except the EPE bit in Status/Control
Register Byte 1 are in the power-on default state. See the description in Section 12.1.3, EPE Bit for details of what
values EPE may have upon recovery from ultra-deep power-down.
The device wakes up in SPI mode even if it was in octal mode when it entered the ultra-deep power-down state.
t
RDPD
ICC
Deep Power Mode Current
Standby Mode Current
Active Current
ABh
Opcode
0
I/O7-0
SCK
CS
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com