Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 71 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 71 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 67Page - Dialog Semiconductor ATXP032 Datasheet HTML 68Page - Dialog Semiconductor ATXP032 Datasheet HTML 69Page - Dialog Semiconductor ATXP032 Datasheet HTML 70Page - Dialog Semiconductor ATXP032 Datasheet HTML 71Page - Dialog Semiconductor ATXP032 Datasheet HTML 72Page - Dialog Semiconductor ATXP032 Datasheet HTML 73Page - Dialog Semiconductor ATXP032 Datasheet HTML 74Page - Dialog Semiconductor ATXP032 Datasheet HTML 75Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 113 page
background image
69
ATXP032
DS-ATXP032–114I–4-2020
Figure 12-8. Write Status Registers in Octal Mode — SDR
Figure 12-9. Write Status Registers in Octal Mode — DDR
12.8
Write Status Register Byte 1 (01h)
The Write Status Register Byte 1 (01h) command is used to modify the SPRL bit of the Status/Control register
and/or to perform a global protect or global unprotect operation. Before the Write Status Register command can be
issued, the Write Enable command must have been previously issued to set the WEL bit in the Status/Control
register to a logic “1”.
To issue the Write Status Register command, the CS pin must first be asserted and the command of 01h must be
clocked into the device followed by one byte of data. The one byte of data consists of the SPRL bit value, a don’t
care bit, four data bits to denote whether a global protect or unprotect operation should be performed, and two
additional don’t care bits (see Table 12-12). Any additional data bytes that are sent to the device are ignored.
When the CS pin is deasserted, the SPRL bit in the Status/Control register is modified, and the WEL bit in the
Status/Control register is reset back to a logic “0”. The values of bits 5, 4, 3, and 2 and the state of the SPRL bit
before the Write Status Register command was executed (the prior state of the SPRL bit) determines whether or
not a global protect or global unprotect operation is performed. See Section 10.5, Global Protect/Unprotect on
page 47 for more details.
The complete one byte of data must be clocked into the device before the CS pin is deasserted; otherwise, the
device aborts the operation, the state of the SPRL bit does not change, no potential global protect or unprotect is
performed, and the WEL bit in the Status/Control register is reset back to the logic “0” state.
If the WP pin is asserted, then the SPRL bit can only be set to a logic “1”. If an attempt is made to reset the SPRL
bit to a logic “0” while the WP pin is asserted, then the Write Status Register command is ignored, and the WEL bit
Byte1
Byte2
Data
A7-0
Address
71h
Opcode
2
3
1
0
I/O7-0
SCK
CS
DS
D
D
D
Input Data
Byte1 Byte2 Byte3
A
Address
Bits A
7
-A
0
71h
Opcode
1
0
2
I/O7-0
SCK
CS
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com