Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 76 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 76 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 72Page - Dialog Semiconductor ATXP032 Datasheet HTML 73Page - Dialog Semiconductor ATXP032 Datasheet HTML 74Page - Dialog Semiconductor ATXP032 Datasheet HTML 75Page - Dialog Semiconductor ATXP032 Datasheet HTML 76Page - Dialog Semiconductor ATXP032 Datasheet HTML 77Page - Dialog Semiconductor ATXP032 Datasheet HTML 78Page - Dialog Semiconductor ATXP032 Datasheet HTML 79Page - Dialog Semiconductor ATXP032 Datasheet HTML 80Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 113 page
background image
74
ATXP032
DS-ATXP032–114I–4-2020
Figure 12-18. Active Status Interrupt in Octal Mode — DDR
13.
Other Commands and Functions
13.1
Read Manufacturer and Device ID (9Fh)
Identification information can be read from the device to enable systems to electronically query and identify the
device while it is in the system. The identification method and the command comply with the JEDEC standard for
“manufacturer and device ID read methodology for SPI-compatible serial interface memory devices”. The type of
information that can be read from the device includes the JEDEC-defined manufacturer ID, the vendor-specific
device ID, and the vendor-specific extended device information.
The Read Manufacturer and Device ID command is limited to a maximum clock frequency of f
CLK. Since not all
Flash devices are capable of operating at very high clock frequencies, applications should be designed to read the
identification information from the devices at a reasonably low clock frequency to ensure all devices used in the
application can be identified properly. Once the identification process is complete, the application can increase the
clock frequency to accommodate specific Flash devices that are capable of operating at the higher clock
frequencies.
To read the identification information, the CS pin must first be asserted and then the command of 9Fh must be
clocked into the device. After the command has been clocked in, the device begins outputting the identification
data on the SO pin during the subsequent clock cycles. The first seven bytes output are continuation codes (7Fh)
followed by the manufacturer ID and two bytes of device ID information. The eleventh byte output is the extended
device information string length, which is 01h, indicating that one byte of extended device information follows. After
the extended device information byte 1 is output, the SO pin enters the high-impedance state; therefore, additional
4 Dummy Cycles
RDY/BSY
1
0
0
1
0
1
0
0
MSB
Opcode
2
3
1
0
4
I/O0
(SI)
SCK
I/O1
(SO)
I/O2
(WP)
I/O3
CS
I/O4
I/O5
I/O6
I/O7
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com