Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 66 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 66 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 62Page - Dialog Semiconductor ATXP032 Datasheet HTML 63Page - Dialog Semiconductor ATXP032 Datasheet HTML 64Page - Dialog Semiconductor ATXP032 Datasheet HTML 65Page - Dialog Semiconductor ATXP032 Datasheet HTML 66Page - Dialog Semiconductor ATXP032 Datasheet HTML 67Page - Dialog Semiconductor ATXP032 Datasheet HTML 68Page - Dialog Semiconductor ATXP032 Datasheet HTML 69Page - Dialog Semiconductor ATXP032 Datasheet HTML 70Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 113 page
background image
64
ATXP032
DS-ATXP032–114I–4-2020
impedance typically allows higher speed operation and/or higher capacitive load, while higher impedance reduces
overall power consumption and switching noise.
12.5
Read Status Registers (65h)
All Status/Control registers may be read out by using the generic Read Status Registers command. This command
allows for a readout of all Status/Control registers in one operation.The Status/Control registers can be read at any
time, including during an internally self-timed program or erase operation.
The Status/Control registers can be sequentially read in a similar fashion to the read array operation up to the
maximum clock frequency specified by f
CLK. To read the Status/Control registers, the CS pin must first be asserted
and the command of 65h must be clocked into the device. After the command has been clocked in, one address
byte must be clocked in to specify which register to read. Following the address byte, one or more additional
dummy bytes need to be clocked into the device. For the SPI mode, one dummy byte (8 cycles) is used. For octal
SDR mode, 4 dummy cycles are used (3.5 dummy cycles for octal DDR).
Table 12-10. I/O Pin Strength Control Register
Bit
Acronym
Name
Type (1)
Default
Description
7
R
Reserved for future use
R
0
Reserved for future use
6
R
Reserved for future use
R
0
Reserved for future use
5
R
Reserved for future use
R
0
Reserved for future use
4
R
Reserved for future use
R
0
Reserved for future use
3
R
Reserved for future use
R
0
Reserved for future use
2:0
IOD2
I/O Drive Select 2
R/W
See
Table 12-11
IOD1
I/O Drive Select 1
R/W
IOD0
I/O Drive Select 0
R/W
1.
R/W = Readable and writable
R = Readable only
Table 12-11. I/O Driver Strength Types — IOD[2:0]
IOD2
IOD1
IOD0
Driver Type
Value
Nominal
Impedance
Approximate driving capability
compared to Type-0
Remarks
0
0
0
0x00
50 Ω
x1
Default
0
0
1
0x01
33 Ω
x1.5
Supports highest load / speed
0
1
0
0x02
66 Ω
x0.75
Supports lower energy
consumption
0
1
1
0x03
100 Ω
x0.5
Supports lowest energy
consumption
1
0
0
0x04
40 Ω
x1.2
Supports higher load / speed
1
0
1
N/A
N/A
N/A
N/A
1
1
0
N/A
N/A
N/A
N/A
1
1
1
N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com