Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 9Page - Dialog Semiconductor ATXP032 Datasheet HTML 10Page - Dialog Semiconductor ATXP032 Datasheet HTML 11Page - Dialog Semiconductor ATXP032 Datasheet HTML 12Page - Dialog Semiconductor ATXP032 Datasheet HTML 13Page - Dialog Semiconductor ATXP032 Datasheet HTML 14Page - Dialog Semiconductor ATXP032 Datasheet HTML 15Page - Dialog Semiconductor ATXP032 Datasheet HTML 16Page - Dialog Semiconductor ATXP032 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 113 page
background image
11
ATXP032
DS-ATXP032–114I–4-2020
Figure 6-1.
SPI Mode 0 and 3
6.2
Octal Mode
The ATXP032 features an octal mode to further improve throughput. This allows the command byte to be clocked
in only 1 clock cycle, and for every clock cycle thereafter, eight address bits can be clocked into the device or eight
bits of data can be clocked into or out of the device. Between the address bits and data bits, 4 (or more) dummy
cycles are required as shown in Figures 6-3 and 6-5. An additional half dummy cycle is required for octal DDR as
described in Figure 6-5. The number of dummy cycles required for each command is described in Tables 7-1 and
7-3, and in the individual command descriptions. For octal mode, only SPI mode 0 is supported.
The ATXP032 supports both Single Data Rate (SDR) and Dual Data Rate (DDR) operations in octal mode. See
Section 6.3 for details about DDR mode.
The octal mode is an (8-8-8) mode, using I/O
7-0 for command, address and data. It does require a mode change,
once in this mode the device expects all commands to use this mode. standard SPI mode and octal mode are
exclusive. Only one mode can be active at any given time.
Enter Octal Mode (E8h) and Return to Standard SPI Mode (FFh) commands are used to switch between these two
modes. Upon power-up the default state of the device is standard SPI mode. To enable octal mode, the volatile
Octal Mode Enable (OME) bit in Status/Control register byte 2 is required to be set to 1. The Write Status / Control
Register commands may also be used to change modes.
The device remains in the same mode while in deep power-down, while it will always wake up in SPI mode when
coming out of ultra-deep power-down. Note that when using the Auto Ultra-Deep Power-Down Mode after a
Program or Erase Operation command, the device switches from octal mode to standard SPI mode after the
program/erase operation has been received. (t
AUDPD after CS goes high.)
Note: If octal mode is enabled by mistake in a system that does not use this mode, the device can be brought back
to standard SPI mode by power cycling the device or by using the JEDEC Hardware Reset command described in
Section 13.9.
6.2.1
Octal Interface Communication Lines
The octal interface has eleven communication lines, as shown in Figure 6-2:
CHIP SELECT (CS): A host-to-device signal. CS operates in push-pull mode. Asserting the CS pin selects the
device. When the CS pin is deasserted, the device is deselected and normally be placed in standby mode
(not deep power-down mode), and the output pins will be in a high-impedance state. When the device is
deselected, data is not accepted on the I/O pins.
A high-to-low transition on the CS pin is required to start an operation, and a low-to-high transition is
required to end an operation. When ending an internally self-timed operation such as a program or erase
cycle, the device does not enter the standby mode until the completion of the operation.
SCK: This is a host-to-device signal. SCK operates in push-pull mode.
MSB
LSB
MSB
LSB
DS
SI
SCK
SO
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com