Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 44 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 44 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 40Page - Dialog Semiconductor ATXP032 Datasheet HTML 41Page - Dialog Semiconductor ATXP032 Datasheet HTML 42Page - Dialog Semiconductor ATXP032 Datasheet HTML 43Page - Dialog Semiconductor ATXP032 Datasheet HTML 44Page - Dialog Semiconductor ATXP032 Datasheet HTML 45Page - Dialog Semiconductor ATXP032 Datasheet HTML 46Page - Dialog Semiconductor ATXP032 Datasheet HTML 47Page - Dialog Semiconductor ATXP032 Datasheet HTML 48Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 113 page
background image
42
ATXP032
DS-ATXP032–114I–4-2020
10.
Protection Commands and Features
10.1
Write Enable (06h)
The Write Enable command is used to set the Write Enable Latch (WEL) bit in the Status/Control register to a logic
“1” state. The WEL bit must be set before a Byte/Page Program, Erase, Program OTP Security Register, or Write
Status Register command can be executed. This makes the issuance of these commands a two step process,
thereby reducing the chances of a command being accidentally or erroneously executed. If the WEL bit in the
Status/Control register is not set prior to the issuance of one of these commands, then the command is not
executed.
To issue the Write Enable command, the CS pin must first be asserted and the 06h command must be clocked into
the device. No address bytes need to be clocked into the device, and any data clocked in after the command is
ignored. When the CS pin is deasserted, the WEL bit in the Status/Control register is set to a logic “1”. The
complete command must be clocked into the device before the CS pin is deasserted, and the CS pin must be
deasserted on a whole byte boundary (multiples of eight bits); otherwise, the device aborts the operation and the
state of the WEL bit does not change.
Figure 10-1. Write Enable
Figure 10-2. Write Enable in Octal Mode — SDR
MSB
0
0
0
0
0
1
1
0
Opcode
High Impedance
DS
2
3
1
0
6
7
5
4
SI
SCK
CS
SO
06h
Opcode
0
I/O7-0
SCK
CS
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com