Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 19 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 19 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 15Page - Dialog Semiconductor ATXP032 Datasheet HTML 16Page - Dialog Semiconductor ATXP032 Datasheet HTML 17Page - Dialog Semiconductor ATXP032 Datasheet HTML 18Page - Dialog Semiconductor ATXP032 Datasheet HTML 19Page - Dialog Semiconductor ATXP032 Datasheet HTML 20Page - Dialog Semiconductor ATXP032 Datasheet HTML 21Page - Dialog Semiconductor ATXP032 Datasheet HTML 22Page - Dialog Semiconductor ATXP032 Datasheet HTML 23Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 113 page
background image
17
ATXP032
DS-ATXP032–114I–4-2020
Table 7-1.
Command Listing 1 — Commands Used in All Modes
Command
Command
Max Clock
Freq in
SPI Mode
Max Clock
Freq. in Octal
Modes
Address
Bytes
Dummy
Bytes in
SPI
Mode
Dummy Cycles
in Octal Mode
Data
Bytes
Section
Link
SDR
DDR
Read Commands
Read Array
0Bh
0000 1011
66 MHz
150 MHz(1)
4
1
8+ (1)
8+(1)
1+
8.1
Program and Erase Commands
Block Erase (4 Kbytes)
20h
0010 0000
66 MHz
150 MHz
4
0
0
0
0
9.4
Block Erase (32 Kbytes)
52h
0101 0010
66 MHz
150 MHz
4
0
0
0
0
9.4
Block Erase (64 Kbytes)
D8h
1101 1000
66 MHz
150 MHz
4
0
0
0
0
9.4
Chip Erase
60h
0110 0000
66 MHz
150 MHz
0
0
0
0
0
9.5
C7h
1100 0111
66 MHz
150 MHz
0
0
0
0
0
9.5
Byte/Page Program (1 - 256
Bytes)
02h
0000 0010
66 MHz
150 MHz
4
0
0
0
1+
9.1
Buffer Write
84h
1000 0100
66 MHz
150 MHz
4
0
0
0
1+
9.2
Buffer to Main Memory
Page Program without Built-
In Erase
88h
1000 1000
66 MHz
150 MHz
4
0
0
0
0
9.3
Program/Erase Suspend
B0h
1011 0000
66 MHz
150 MHz
0
0
0
0
0
9.6
Program/Erase Resume
D0h
1101 0000
66 MHz
150 MHz
0
0
0
0
0
9.7
Protection Commands
Write Enable
06h
0000 0110
66 MHz
150 MHz
0
0
0
0
0
10.1
Write Disable
04h
0000 0100
66 MHz
150 MHz
0
0
0
0
0
10.2
Protect Sector
36h
0011 0110
66 MHz
150 MHz
4
0
0
0
0
10.3
Unprotect Sector
39h
0011 1001
66 MHz
150 MHz
4
0
0
0
0
10.4
Read Sector Protection
Registers
3Ch
0011 1100
66 MHz
150 MHz
4
0
4
4
1+
10.6
Security Commands
Program OTP Security
Register
9Bh
1001 1011
66 MHz
150 MHz
4
0
0
0
1+
11.1
Read OTP Security
Register
77h
0111 0111
66 MHz
150 MHz
4
1
8+(1)
8+(1)
1+
11.2
Status/Control Register Commands
Read Status/Control
Registers
65h
0110 0101
66 MHz
150 MHz
1
1
4
3 (2)
1+
12.5
Read Status Register Byte 1 05h
0000 0101
66 MHz
150 MHz
0
0
4
4
1+
12.6
Active Status Interrupt
25h
0010 0101
66 MHz
150 MHz
0
1
4
4
0
12.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com