Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 14 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 14 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 10Page - Dialog Semiconductor ATXP032 Datasheet HTML 11Page - Dialog Semiconductor ATXP032 Datasheet HTML 12Page - Dialog Semiconductor ATXP032 Datasheet HTML 13Page - Dialog Semiconductor ATXP032 Datasheet HTML 14Page - Dialog Semiconductor ATXP032 Datasheet HTML 15Page - Dialog Semiconductor ATXP032 Datasheet HTML 16Page - Dialog Semiconductor ATXP032 Datasheet HTML 17Page - Dialog Semiconductor ATXP032 Datasheet HTML 18Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 113 page
background image
12
ATXP032
DS-ATXP032–114I–4-2020
Data Strobe (DS): This is a device-to-host signal and is output only. DS operates in push-pull mode and is the
return of the clock signal.
In SDR mode, DS is driven high in the first half of the data output cycle, and low in the second half. In this
mode, DS is basically be the inverse of SCK, but with a delay. If SCK is low at the end of an operation, DS is
high. This is the recommended mode of operation in SDR mode. However, if the host controller requires DS
to end low to be able to use this signal correctly, it is also possible to add half of an SCK pulse and end with
SCK high and DS low.
In DDR mode, DS changes value at the edge of each data bit. In this mode, DS is basically be the same
value as SCK, but with a delay. As SCK is driven low by the master at the end of a command sequence, DS
remains low until CS is driven high again. DS is primarily required for fast operation in DDR mode, but is
available in other modes as well.
I/O
7-0: Data lines are bidirectional signals. Host and device drivers are operating in push-pull mode. In octal
mode, I/O
7-4 are used together with I/O3-0 as bidirectional I/O pins. In these modes, the I/O pins is placed in
the high-impedance (high-Z) state whenever the device is deselected (CS is deasserted).
Figure 6-2.
Octal Interface Bus Circuitry Diagram
6.2.2
Programmable Device Output Driver
The bus capacitance of each line of the octal interface bus is the sum of the bus master capacitance, the bus
capacitance itself and the capacitance of each inserted device. The sum of host and bus capacitance are fixed for
one application, but may vary between different applications. The device load may vary in one application with
each of the inserted devices.
The IOD2:0 bits in the I/O Pin Drive Strength Control Register are used to configure the output driver strength.
Host
Device
I/O
7-0
DS
SCK
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com