Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 74 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 74 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 70Page - Dialog Semiconductor ATXP032 Datasheet HTML 71Page - Dialog Semiconductor ATXP032 Datasheet HTML 72Page - Dialog Semiconductor ATXP032 Datasheet HTML 73Page - Dialog Semiconductor ATXP032 Datasheet HTML 74Page - Dialog Semiconductor ATXP032 Datasheet HTML 75Page - Dialog Semiconductor ATXP032 Datasheet HTML 76Page - Dialog Semiconductor ATXP032 Datasheet HTML 77Page - Dialog Semiconductor ATXP032 Datasheet HTML 78Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 113 page
background image
72
ATXP032
DS-ATXP032–114I–4-2020
Figure 12-15. Write Status Register Byte 2 in Octal Mode — DDR
12.10 Active Status Interrupt (25h)
To simplify the readout of the RDY/BSY bit, the Active Status Interrupt command (25h) may be used. It is then not
necessary to continuously read the Status/Control register, it is sufficient to monitor the value of the SO line. If the
SO line is connected to an interrupt line on the host controller, the host controller may be in sleep mode until the
SO line indicates that the ATXP032 is ready for the next command.
The RDY/BSY bit can be read at any time, including during an internally self-timed program or erase operation.
To enable the Active Status Interrupt command, the CS pin must first be asserted and the command of 25h must
be clocked into the device. For SPI Mode 3, at least one dummy bit has to be clocked into the device after the last
bit of the command has been clocked in. (In most cases, this is most easily done by sending a dummy byte to the
device.) The value of the SI line after the command is clocked in is of no significance to the operation. For SPI
Mode 0, this dummy bit (dummy byte) is not required. For octal mode, 4 dummy cycles are required.
The value of RDY/BSY is then output on the SO line, and is continuously updated by the device for as long as the
CS pin remains asserted. All other output pins remain in a high-impedance state.
Additional clocks on the SCK pin are not required. If the RDY/BSY bit changes from 1 to 0 while the CS pin is
asserted, the SO line changes from 1 to 0. The RDY/BSY bit cannot change from 0 to 1 during an operation, so if
the SO line already is 0, it will not change.
Deasserting the CS pin terminates the active status interrupt operation and put the SO pin into a high-impedance
state. The CS pin can be deasserted at any time and does not require that a full byte of data be read.
Note: When operating in octal DDR mode at high speed, it is recommended to have the interrupt signal connected
to the SO line internally in the host controller. Connecting an external interrupt pin to the SO line adds additional
load on that one line, adding a delay on this line compared to the others.
Note: The Active Status Interrupt command is intended to be used when the host controller is not actively reading
from the device. When the host controller is actively reading from the device, it can read the RDY/BSY bit by polling
Status/Control Register Byte 1 from time to time.
D
Input
Data
Byte
31h
Opcode
0
I/O7-0
SCK
CS
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com