Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 53 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 53 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 49Page - Dialog Semiconductor ATXP032 Datasheet HTML 50Page - Dialog Semiconductor ATXP032 Datasheet HTML 51Page - Dialog Semiconductor ATXP032 Datasheet HTML 52Page - Dialog Semiconductor ATXP032 Datasheet HTML 53Page - Dialog Semiconductor ATXP032 Datasheet HTML 54Page - Dialog Semiconductor ATXP032 Datasheet HTML 55Page - Dialog Semiconductor ATXP032 Datasheet HTML 56Page - Dialog Semiconductor ATXP032 Datasheet HTML 57Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 113 page
background image
51
ATXP032
DS-ATXP032–114I–4-2020
10.7
Protected States and the Write Protect (WP) Pin
The WP pin is not linked to the memory array itself and has no direct effect on the protection status of the memory
array. Instead, the WP pin, in conjunction with the SPRL (Sector Protection Registers Locked) bit in the
Status/Control register, is used to control the hardware locking mechanism of the device. For hardware locking to
be active, two conditions must be met – the WP pin must be asserted and the SPRL bit must be in the logic “1”
state.
When hardware locking is active, the Sector Protection registers are locked and the SPRL bit itself is also locked.
Therefore, sectors that are protected are locked in the protected state, and sectors that are unprotected are locked
in the unprotected state. These states cannot be changed as long as hardware locking is active, so the Protect
Sector, Unprotect Sector, and Write Status Register commands are ignored. In order to modify the protection
status of a sector, the WP pin must first be deasserted, and the SPRL bit in the Status/Control register must be
reset back to the logic “0” state using the Write Status Register command. When resetting the SPRL bit back to a
logic “0”, it is not possible to perform a global protect or global unprotect at the same time since the Sector
Protection registers remain soft-locked until after the Write Status Register command has been executed.
If the WP pin is permanently connected to GND, then once the SPRL bit is set to a logic “1”, the only way to reset
the bit back to the logic “0” state is to power-cycle or reset the device. This allows a system to power-up with all
sectors software protected but not hardware locked. Therefore, sectors can be unprotected and protected as
needed and then hardware locked at a later time by simply setting the SPRL bit in the Status/Control register.
When the WP pin is deasserted, or if the WP pin is permanently connected to VCC, the SPRL bit in the
Status/Control register can still be set to a logic “1” to lock the Sector Protection registers. This provides a software
locking ability to prevent erroneous Protect Sector or Unprotect Sector commands from being processed. When
changing the SPRL bit to a logic “1” from a logic “0”, it is also possible to perform a global protect or global
unprotect at the same time by writing the appropriate values into bits 5, 4, 3, and 2 of the Status/Control register.
In octal mode, the WP pin is used as I/O
2. The WP pin feature is disabled, and the device behaves as if the WP pin
is connected to a logic ‘1’ state.
Tables 10-4 and 10-5 detail the various protection and locking states of the device. .
Table 10-4. Sector Protection Register States
WP
Sector Protection Register n (1)
Sector n(1)
X
(Don’t Care)
0
Unprotected
1
Protected
1. “n” represents a sector number
Table 10-5. Hardware and Software Locking
WP
SPRL
Locking
SPRL Change Allowed
Sector Protection Registers
0
0
Can be modified from 0 to 1
Unlocked and modifiable using the Protect and Unprotect Sector
commands. Global Protect and Unprotect can also be performed.
0
1
Hardware
Locked
Locked
Locked in current state. Protect and Unprotect Sector commands
is ignored. Global Protect and Unprotect cannot be performed.
1
0
Can be modified from 0 to 1
Unlocked and modifiable using the Protect and Unprotect Sector
commands. Global Protect and Unprotect can also be performed.
1
1
Software
Locked
Can be modified from 1 to 0
Locked in current state. Protect and Unprotect Sector commands
is ignored. Global Protect and Unprotect cannot be performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com