Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 12 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 12 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 8Page - Dialog Semiconductor ATXP032 Datasheet HTML 9Page - Dialog Semiconductor ATXP032 Datasheet HTML 10Page - Dialog Semiconductor ATXP032 Datasheet HTML 11Page - Dialog Semiconductor ATXP032 Datasheet HTML 12Page - Dialog Semiconductor ATXP032 Datasheet HTML 13Page - Dialog Semiconductor ATXP032 Datasheet HTML 14Page - Dialog Semiconductor ATXP032 Datasheet HTML 15Page - Dialog Semiconductor ATXP032 Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 113 page
background image
10
ATXP032
DS-ATXP032–114I–4-2020
Figure 5-1.
Memory Architecture Diagram
6.
Device Operation
6.1
Standard SPI Mode
The ATXP032 is controlled by a set of instructions that are sent from a host controller, commonly referred to as the
SPI master. The SPI master communicates with the ATXP032 via the SPI bus which is comprised of four signal
lines: Chip Select (CS), Serial Clock (SCK), Serial Input (SI), and Serial Output (SO).
The SPI protocol defines a total of four modes of operation (mode 0, 1, 2, or 3) with each mode differing in respect
to the SCK polarity and phase and how the polarity and phase control the flow of data on the SPI bus. The
ATXP032 supports the two most common modes, SPI modes 0 and 3 for the standard SPI (1-1-1). For octal mode,
only SPI mode 0 is supported. The only difference between SPI modes 0 and 3 is the polarity of the SCK signal
when in the inactive state (when the SPI master is in standby mode and not transferring any data). With SPI modes
0 and 3, data is always latched in on the rising edge of SCK and always output on the falling edge of SCK.
The default SPI mode on power up is the traditional (1-1-1) SPI mode.
Note that the device always wakes up in (1-1-1) SPI mode when coming out of ultra-deep power-down.
The Enter Octal Mode (E8h) command, or directly writing the bit in Status/Control Register Byte 2, is used to enter
octal mode. The Return to Standard SPI Mode (FFh) instruction, or directly writing the bit in Status/Control Register
Byte 2, can be used to switch the device back to standard SPI mode.
The maximum clock speed f
CLK supported for standard SPI mode is lower than the maximum clock speed fCLK
supported for octal mode. See Section 14.5, AC Characteristics, Maximum Clock Frequencies — 85 oC for details.
Sector 0 = 1024 pages
262,144 bytes
Block = 4096 bytes
16 Pages
Page = 256 bytes
Page 0
Page 1
Page 14
Page 15
Page 16
Page 17
Page 16,382
Page 16,383
Page 30
Page 31
Page 32
Page 33
Page 34
Sector Architecture
Block Architecture
Page Architecture
Block 0
Block 1
Block 14
Block 63
Block 64
Block 65
Block 1022
Block 1023
Block 126
Block 127
Block 960
Block 961
Sector 15 = 1024 pages
262,144 bytes
Sector 1 = 1024 pages
262,144 bytes
Sector 14 = 1024 pages
262,144 bytes
Sector 2 = 1024 pages
262,144 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com