Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 88 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 88 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 84Page - Dialog Semiconductor ATXP032 Datasheet HTML 85Page - Dialog Semiconductor ATXP032 Datasheet HTML 86Page - Dialog Semiconductor ATXP032 Datasheet HTML 87Page - Dialog Semiconductor ATXP032 Datasheet HTML 88Page - Dialog Semiconductor ATXP032 Datasheet HTML 89Page - Dialog Semiconductor ATXP032 Datasheet HTML 90Page - Dialog Semiconductor ATXP032 Datasheet HTML 91Page - Dialog Semiconductor ATXP032 Datasheet HTML 92Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 113 page
background image
86
ATXP032
DS-ATXP032–114I–4-2020
13.10 Hardware Reset
The hardware reset pin (RESET) can be used to wake up the device from Ultra-Deep Power-Down (UDPD) mode.
This sequence can also be used to reset the device to a state similar to the power-on state without cycling power.
The differences between the power-on state and the reset state are described below.
The reset sequence in this case does not use any other pins. A low state on the reset pin (RESET) terminates the
operation in progress and resets the internal state machine to an idle state. The device remains in the reset
condition as long as a low level is present on the RESET pin. Normal operation can resume once the RESET pin is
brought back to a high level. The device incorporates an internal power-on reset circuit, so there are no restrictions
on the RESET pin during power-on sequences.
After a hardware reset initiated by the RESET pin while the device is in UDPD mode, the SRAM buffer resets to an
undefined value. All volatile Status/Control registers, including the sector protection bits, are reset to their default
values, except in the following case: If the AUDPD bit in Status Register Byte 2 was set prior to the last Program or
Erase command, so the device entered the Ultra-Deep Power-Down mode after a Program or Erase command
finished, and RESET is used to wake up the device from Ultra-Deep Power-Down mode, then the EPE bit will not
be reset. In this case the EPE still shows the correct status after the latest Program or Erase command. All non-
volatile Status/Control registers keep the value they had prior to reset.
After a Hardware Reset initiated by the RESET pin while the device is in any other mode than Ultra-Deep Power-
Down mode, the SRAM buffer will keep the values it had prior to Reset, with the following exception: If the Reset
sequence is initiated during an update of the SRAM buffer, the contents of the SRAM buffer may be corrupted. All
volatile Status/Control registers are reset to their default values, except the sector protection bits. The sector
protection bits remain unchanged in this case. All non-volatile Status/Control registers keep the value they had
prior to reset, with the following exception: If the reset sequence is initiated during a write to a non-volatile
Status/Control register, the value of that register may be corrupted.
The device always reverts back to standard SPI mode after RESET.
Figures 13-15 and 13-16 below illustrates the timing for the hardware RESET sequence. See AC Characteristics,
All Other Parameters for details on reset timing.
Figure 13-15. Hardware Reset Sequence
Note: The CS signal should be in the high state before the RESET signal is deasserted.
CS
SCK
RESET
SO (Output)
High-impedance
High-impedance
SI (Input)
tRST
tREC
tCSLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com