Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 32 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 32 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 28Page - Dialog Semiconductor ATXP032 Datasheet HTML 29Page - Dialog Semiconductor ATXP032 Datasheet HTML 30Page - Dialog Semiconductor ATXP032 Datasheet HTML 31Page - Dialog Semiconductor ATXP032 Datasheet HTML 32Page - Dialog Semiconductor ATXP032 Datasheet HTML 33Page - Dialog Semiconductor ATXP032 Datasheet HTML 34Page - Dialog Semiconductor ATXP032 Datasheet HTML 35Page - Dialog Semiconductor ATXP032 Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 113 page
background image
30
ATXP032
DS-ATXP032–114I–4-2020
Figure 9-6.
Page Program in Octal Mode — DDR
Note that an even number of bytes are programmed when using the Page Program command in octal mode -
DDR.
9.2
Buffer Write (84h)
Utilizing the Buffer Write (84h) command allows data clocked in from the I/O pins to be written directly into the
internal write buffer without starting a write to the Flash array at the same time. This write operation is faster than a
regular byte or page write. It is typically used to write small amounts of data at the time to the buffer, and then
starting a write operation to the Flash memory when the buffer is full. The Buffer to Main Memory Page Program
without Built-In Erase (88h) command is then used to write the buffer to the Flash memory.
To load data into a buffer, the 84h command must be clocked into the device followed by 4 address bytes
comprised of 24 dummy bits and 8 buffer address bits (BFA
7 - BFA0). The eight buffer address bits specify the first
byte in the buffer to be written.
After the last address byte has been clocked into the device, data can then be clocked in on subsequent clock
cycles. If the end of the buffer is reached, the device wraps around back to the beginning of the buffer. Data
continues to be loaded into the buffer until a low-to-high transition is detected on the CS pin.
Note that the buffer is not automatically cleared prior to starting a Buffer Write command. This allows multiple
Buffer Write commands to be performed to update different parts of the buffer before writing the buffer to the Flash
memory, or to update the same buffer locations multiple times before writing to Flash memory. Buffer locations
which are not updated will contain whatever data is left in the buffer from the previous write operation. The Buffer to
Main Memory Page Program without Built-In Erase (88h) command writes the full 256-byte page, even if less than
256 bytes were written to the buffer.
Note also that the Buffer to Main Memory Page Program without Built-In Erase (88h) command should be
executed before any Byte/Page Program (02h) command is issued. These commands share the same write buffer,
so a Byte/Page Program (02h) command overwrites whatever data is written by the Buffer Write (84h) command.
D
D
Data In
Byte1 Byte2
A
A
A
A
Address
Bits A
31
-A
0
02h
Opcode
2
1
0
3
I/O7-0
SCK
CS
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com