Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP032 Datasheet(PDF) 18 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 18 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 14Page - Dialog Semiconductor ATXP032 Datasheet HTML 15Page - Dialog Semiconductor ATXP032 Datasheet HTML 16Page - Dialog Semiconductor ATXP032 Datasheet HTML 17Page - Dialog Semiconductor ATXP032 Datasheet HTML 18Page - Dialog Semiconductor ATXP032 Datasheet HTML 19Page - Dialog Semiconductor ATXP032 Datasheet HTML 20Page - Dialog Semiconductor ATXP032 Datasheet HTML 21Page - Dialog Semiconductor ATXP032 Datasheet HTML 22Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 113 page
background image
16
ATXP032
DS-ATXP032–114I–4-2020
Figure 6-6.
Dual Data Rate (DDR) Operation in Octal Mode — Write Operations
7.
Commands and Addressing
A valid instruction or operation must always be started by first asserting the CS pin. After the CS pin has been
asserted, the host controller must then clock out a valid 8-bit command on the SPI bus. Following the command,
instruction-dependent information such as address and data bytes would then be clocked out by the host
controller. All command, address, and data bytes are transferred with the most-significant bit (MSB) first. An
operation is ended by deasserting the CS pin.
Device behavior is not defined for commands not supported by the ATXP032. Commands not described in this
document should therefore be avoided.
If the CS pin is deasserted before complete command and address information is sent to the device, then no
operation will be performed and the device simply returns to the idle state and waits for the next operation.
Addressing of the device requires a total of four bytes of information to be sent, representing address bits A
31 - A0.
Since the upper address limit of the ATXP032 memory array is 3FFFFFh, address bits A
31 - A22 must be zero for
proper operation.
D5
D4
D1
D0
D6
D2
D7
D3
D5
D4
D1
D0
D6
D2
D7
D3
MSB
MSB
Input
Data
Byte1 Byte2
A16 A8 A0
A17 A9 A1
A18 A10 A2
A19 A11 A3
A20 A12 A4
A21 A13 A5
A22 A14 A6
A23 A15 A7
A24
A25
A26
A27
A28
A29
A30
A31
Address
Bits A
31
-A
0
MSB
O5
O4
O1
O0
O6
O2
O7
O3
MSB
Opcode
2
1
0
3
I/O0
(SI)
SCK
I/O1
(SO)
I/O2
(WP)
I/O3
CS
I/O4
I/O5
I/O6
I/O7
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com