Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 21Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 22Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 23Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 24Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 25Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 26Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 27Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 28Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 25 of 60
Battery Charger Operational Flow Chart
VBUSOK
Y
N
FAST CHARGE
Y
WATCHDOG
EXPIRED
START tSAFE
IBUS = 100mA
TIMER FAULT/
BAD BATTERY
RUN
BATTERY
DETECTION
VBUS_ILIM = HIGH
IVBUS = ILIM
TSD110 = HIGH
TEMP = TSD
WATCHDOG
EXPIRED
IVBUS = 100mA
TIMER FAULT/
BAD BATTERY
(SEE THE FAST CHARGE
MODE TIMER SECTION
AND THE SAFETY
TIMER SECTION)
CONSTANT CURRENT
MODE CHARGING
CONSTANT VOLTAGE
MODE CHARGING
N
N
CHARGE
COMPLETE
Y
Y
N
N
TRICKLE
CHARGE
Y
Y
N
N
Y
N
N
Y
N
N
Y
VBUSOK
VBUSOK
Y
Y
N
N
N
Y
Y
N
Y
Y
N
Y
POWER-ON RESET
RESET ALL
REGISTERS
RUN
BATTERY
DETECTION
tSTART
EXPIRED
tWD
EXPIRED
tWD
EXPIRED
tSAFE/tTRK
EXPIRED
tSAFE/tCHG
EXPIRED
VBSNS =
VTRM
VBSNS ≤
VNOBAT
VBSNS ≤
VTRM – VRCH
IOUT < IEND
POWER
DOWN
VBSNS < VTRK
IVBUS < ILIM
TEMP < TSD
START
tSAFE
VBSNS < VTRK
Figure 51. Charger Operational Flowchart
BATTERY FUEL GAUGE
General Description
The ADP5360 Li-Ion battery fuel gauge is optimized through a
hybrid algorithm to indicate battery remaining capacity. The
battery fuel gauge runs through a coulomb counter and is voltage-
based between 0% to 100%. The battery fuel gauge uses a 12-bit
ADC to measure the battery node voltage and the battery current.
The state of the charge is calculated with an adaptive filter
limitation algorithm integrated in the ADP5360. The ten open-
circuit battery values and battery capacity are based on the
battery characterization written to the V_SOC_x registers of the
ADP5360 and used for the state of charge calculation. The sense
current information, the battery capacity value, the continuous
load current, and the large voltage drop all determine the state of
the charge change rate. The fuel gauge operates as a coulomb
counter with a high accuracy calculation when high continuous



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com