Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP5360ACBZ-2-R7 Datasheet HTML 1Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 2Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 3Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 4Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 5Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 5 of 60
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
THERMAL PROTECTION
Thermal Shutdown Temperature2
TSD
TJ RISING
110
°C
TJ FALLING
100
°C
THERMISTOR CONTROL
Thermistor Current
Negative Temperature Coefficient (NTC)
Resistor (RNTC) = 10 kΩ
INTC_10k
57.5
60
62
μA
RNTC = 47 kΩ
INTC_47k
11.5
12
12.5
μA
RNTC = 100 kΩ
INTC_100k
5.65
6
6.35
μA
BATTERY DETECTION
Sink Current
ISINK
4.1
6
7
mA
Source Current
ISOURCE
2
2.5
3
mA
Battery Threshold
Low
VBATL
1.92
2
2.06
V
High
VBATH
3.27
3.4
3.48
V
Timer
tBATOK
333
ms
Threshold After Charging Completed
VNOBAT
2
V
TIMERS
Start Charging Delay Timer
tSTART
300
ms
Trickle Charge Timer1
tTRK
CHG_TMR_PERIOD = 60 minutes and
600 minutes
60
min
Fast Charge Timer1
tCHG
CHG_TMR_PERIOD = 60 minutes and
600 minutes
600
min
Charge Complete Timer
tEND
Voltage of the BSNS pin (VBSNS) = VTRM,
EN_TEND = 1 bit, register set
7.5
min
Deglitch Timer
tDG
Applies to VTRM, VRCH, IEND, VWEAK, VTRK_DEAD, and
VVBUS_OK
31
ms
Safety Timer
tSAFE
36
40
44
min
Reset Timeout Period
tRP
200
ms
MR for Shipment Mode
tSH
200
ms
Watchdog Timer1
tWD
12.5
sec
I2C (SCL AND SDA)
Maximum Voltage on Digital Inputs
VDIN_MAX
5.5
V
Input Voltage
Low Level
VIL
Applies to SCL, SDA
0.4
V
High Level
VIH
Applies to SCL, SDA
1.2
V
Low Level Output Voltage
VOL
Applies to SDA, SDA current sink (ISDA_SINK) =
2 mA
0.4
V
INT, RESET, PGOOD1, AND PGOOD2
Input and Output Leakage Current
IIO_LEAK
Input and output voltage (VIO) = 5 V
10
150
nA
Input and Output Low Voltage
VIO_LOW
Input and output current (IIO) = 1 mA
90
200
mV
ENCHG, EN1, EN2, STP, MR, ENSD
Input Voltage Threshold
High
VIH
1.2
V
Low
VIL
0.4
V
Input Leakage Current
IEN_LEAKAGE
150
nA
1 These values are programmable via I2C. Values are given with default register values.
2 Specification is not production tested but is supported by characterization data at initial product release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com