Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 20Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 21Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 22Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 23Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 24Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 21 of 60
Trickle Charge Mode Timer
The duration of trickle charge mode is monitored to ensure that
the battery revives from the deeply discharged state. If trickle
charge mode runs for longer than tTRK without the cell voltage
reaching VTRK_DEAD, a fault condition is assumed and charging
stops. The battery isolation FET turns off, and VSYS is regulated
to VSYS_REG by the linear regulator. The fault condition asserts on
when the CHARGER_STATUS[2:0] bits are set to 0b110,
allowing the user to initiate the fault recovery procedure
specified in the Fault Recovery section.
Weak Charge Mode (Constant Current)
When the battery voltage exceeds VTRK_DEAD but is less than
VWEAK, the charger switches to the weak charge mode, and VSYS
is regulated to VSYS_REG by the battery isolation FET. Note that,
VSYSTEM = 5 V is not active on the output of VSYS_REG during
charge mode.
During weak charge mode, the battery is charged with
programmed ICHG from VSYS through the isolation FET and
ITRK_DEAD. Due to the VBUS input current limit, the real charge
current (ICHG) from VSYS may be less than the programmed
value. System load can share the current from VSYS. However,
ITRK_DEAD always charges the battery during weak charge mode.
Fast Charge Mode (Constant Current)
When the battery voltage exceeds VWEAK, the charger switches to
fast charge mode, charging the battery with ICHG. Address 0x04,
ICHG[4:0] programs ICHG via the I2C interface. During fast charge
mode (constant current), the CHARGER_STATUS[2:0] bits are set
to 0b010. The default ICHG value can be set by the external
resistor from the ICS pin (RICS) to ground. Floating the ICS pin
activates the register default value when powering up.
Table 12. Charge Current Default Set Using the ICS Pin
RICS Value (kΩ)
ICHG Value (mA)
100
10
68
50
47
80
36
100
27
150
20
200
15
250
10
300
During constant current mode, other features can prevent ICHG
from reaching the full programmed value. Input current
limiting for USB compatibility can affect the ICHG value under
certain operating conditions. The battery isolation FET regulates
VVSYS to stay at VSYS_REG. Note that, VSYSTEM = 5 V is not active on
the output of VSYS_REG during charge mode.
The ADP5360 features a dynamic charge current that is
adaptive when VVBUS drops too much due to possible high
internal impedance. The dynamic charge current monitors
VVBUS and reduces the charge current level when VVBUS falls
lower than the threshold, which can be programed by the I2C
interface. When the charge current adapts due to the VVBUS level,
the ADPICHG status bit is set high. By default, this feature is
disabled and can be enabled by the I2C setting.
Fast Charge Mode (Constant Voltage)
As the battery charges, the voltage rises and approaches VTRM.
The ADP5360 charger monitors VBSNS to determine when charging
ends. However, the internal impedance of the battery pack
combined with the PCB and other parasitic series resistances
creates a voltage drop between the sense point at the BSNS pin
and the cell terminal. To compensate for this voltage drop and
ensure a fully charged cell, the ADP5360 enters a constant voltage
charge mode when VBSNS reaches the termination voltage. The
ADP5360 reduces charge current gradually as the cell continues to
charge, maintaining a voltage of VTRM on the BSNS pin. During
constant voltage fast charge mode, the CHARGER_STATUS[2:0]
bits are set to 0b011.
Fast Charge Mode Timer
The duration of fast charge mode is monitored to ensure that
the battery is charging correctly. If the fast charge mode runs for
longer than tCHG without VBSNS reaching VTRM, a fault condition
is assumed, charging stops, the battery isolation FET turns off,
and VSYS regulates to VSYS_REG by the linear regulator. A fault
condition asserts on when the CHARGER_STATUS[2:0] bits
are set to 0b110, allowing the user to initiate the fault recovery
procedure specified in the Fault Recovery section.
If the fast charge mode runs for longer than tCHG and the BSNS
pin reaches VTRM but the charge current has not yet fallen lower
than IEND, charging stops by turning off the battery isolation
FET. Note that the linear regulator still works, and VSYS regulates
to VSYS_REG. No fault condition is asserted in this circumstance, and
the ADP5360 attains charge complete status.
Safety Timer
If the watchdog timer (see the Watchdog Timer section for more
information) expires while in charger mode, the ADP5360 charger
initiates tSAFE. Charging continues for a period of tSAFE, then stops
by turning off the battery isolation FET and setting the
CHARGER_STATUS[2:0] bits to 0b110.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com