Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 26Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 27Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 28Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 29Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 30Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 31Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 32Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 33Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 30 of 60
Short-Circuit Protection
The buck regulator in the ADP5360 includes frequency
foldback to prevent current runaway on a hard short in PWM
mode. When the output voltage at the feedback pin (FB1) falls
lower than 50% of VOUT1 typical, indicating the possibility of a
hard short at the output, the switching frequency is reduced to
half of the internal oscillator frequency. The reduction in the
switching frequency allows more time for the inductor to
discharge, preventing a runaway of output current.
Stop Switching
The ADP5360 includes one STP pin that can be configured as a
stop pin to allow the user to temporarily stop the buck regulator
switching.
When applying a logic high level to the STP pin, the corresponding
regulator is forced to stop switching immediately. When
applying a logic low level to the STP pin, the regulator resumes
switching. Note that tens of ns delay time exists from when the
STP signal goes high to when switching fully stops.
The stop signal control is valid only when the regulator is
enabled. Otherwise, the stop signal is ignored.
Using the stop signal for hysteresis mode can generate a power-
good failure due to the slow transient response.
Set the STP_BUCK bit, Register 0x29, low to disable the buck
regulator stop switching feature.
OUTPUT VOLTAGE
DC-TO-DC
SWITCHING
STP
LOAD
PULSE
100mA
150µs
BATTERY
CURRENT
LIMIT BATTERY
CURRENT
LOAD CURRENT
NO SWITCHING
Figure 54. STP Signal Diagram
BUCK BOOST REGULATOR OPERATION
Operation Mode
The buck boost regulator in the ADP5360 is synchronous with
the current mode, switching regulators designed to maintain a
fixed output voltage from an input supply (VIN2) that can be
greater than, equal to, or less than VOUT2.
The buck boost regulator works in hysteresis mode and
regulates the output voltage to a slightly higher value than the
target output voltage with switching pulses. When the output
voltage increases until the output sense signal exceeds the
hysteresis upper threshold, the regulator enters sleep mode. In
sleep mode, the high-side and low-side MOSFET and a majority
of the control circuitry are disabled to allow a low quiescent
current as well as high efficiency performance. During sleep
mode, the output capacitor supplies the energy into the load,
the output voltage decreases until the voltage falls lower than
the hysteresis comparator lower threshold, and the regulator
wakes up and generates the switching pulses to charge the
output again.
Program Output Voltages
The ADP5360 buck boost regulator provides output voltage
options from 1.8 V to 2.9 V with a 100 mV step, and 2.95 V
to 5.5 V with 50 mV step, which can be programmed by the
VOUT_BUCKBST[5:0] bits, Address 0x2C, and set via the I2C
interface (see Table 62). The buck boost regulator also provides
a fixed output voltage programmed via the factory fuse.
For the output voltage settings, the feedback resistor divider is
built in the ADP5360. An ultra low power voltage reference and
an integrated high impedance (50 MΩ typical) feedback divider
network contribute to the low quiescent current.
Enable and Disable
The ADP5360 includes a hardware enable pin (EN2). A logic
high in the EN2 pin starts the buck boost regulator. Because of the
low quiescent current design, it is typical for the regulator to start
switching after a delay of a few milliseconds from when the
EN2 pin pulls high. To avoid unexpected leakage current, do
not pull the EN pin high to the ISOB pin. However, do pull the
EN2 pin high to the VSYS pin with the resistor.
The I2C register bit, EN_BUCKBST, Address 0x2B, can also
control the buck boost enable and disable, which are logically
OR’ed with the EN2 pin. For example, set the EN_BUCKBST bit
to low, then use the hardware EN2 pin to control the buck boost
enable and disable, or pull the EN2 pin low, and then set the
EN_BUCKBST bit using the I2C inteface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com