Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 51 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 47Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 48Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 49Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 50Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 51Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 52Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 53Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 54Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 51 of 60
Table 65. PGOOD_STATUS Register, Address 0x2F Bit Descriptions
Bit(s)
Bit Name
Access Default
Description
[7:6]
Reserved
R
Not applicable
Reserved
.
5
MR_PRESS
R
Not applicable
When high, this bit indicates that the MR pin is pulled to low after tDG.
4
CHG_CMPLT
R
Not applicable
This bit shows battery charge complete.
0 = the charger is not in charge complete status.
1 = the charger is in charge complete status.
3
VBUSOK
R
Not applicable
This bit shows the real-time status of the VBUS pin voltage.
0 = the voltage of the VBUS pin is lower than VVBUS_OK or higher than VVBUS_OV.
1 = the voltage of the VBUS pin is higher than VVBUS_OK and lower than VVBUS_OV.
2
BATOK
R
Not applicable
This bit shows the real-time status of the battery voltage. This bit is only active when
the fuel gauge function is enabled.
0 = battery voltage is less than VWEAK.
1 = battery voltage is more than VWEAK.
1
VOUT2OK
R
Not applicable
This bit shows real-time power good status for the buck boost regulator. This bit is only
effective in buck boost standalone fixed output mode.
0 = buck boost regulator power-good status is low.
1 = buck boost regulator power-good status is high.
0
VOUT1OK
R
Not applicable
This bit shows real-time power-good status for the buck regulator. This bit is not
effective if the buck is configured as load switch mode.
0 = buck power-good status is low.
1 = buck power-good status is high.
Table 66. PGOOD1_MASK Register, Address 0x30 Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
7
PG1_REV
R/W
Factory set
This bit configures the active low output of the PGOOD1 pin.
0 = disable active low.
1 = enable active low.
[6:5]
Reserved
Not applicable
Reserved
.
4
CHGCMPLT_MASK1
R/W
0
This bit configures the external PGOOD1 pin.
0 = does not send the output charger complete signal to the external PGOOD1 pin.
1 = sends the output charger complete signal to the external PGOOD1 pin.
3
VBUSOK_MASK1
R/W
Factory set
This bit configures the external PGOOD1 pin.
0 = does not send the outputVBUS voltage status signal to the external PGOOD1 pin.
1 = sends the output VBUS voltage status signal to the external PGOOD1 pin.
2
BATOK_MASK1
R/W
0
This bit configures the external PGOOD1 pin.
0 = does not send the output battery voltage okay signal to the external PGOOD1 pin.
1 = sends the output battery voltage okay signal to the external PGOOD1 pin.
1
VOUT2OK_MASK1
R/W
0
This bit configures the external PGOOD1 pin for buck boost output.
0 = does not send the output buck boost PGOOD signal to the external PGOOD1 pin.
1 = sends the output buck boost PGOOD signal to the external PGOOD1 pin.
0
VOUT1OK_MASK1
R/W
Factory set
This bit configures the external PGOOD1 pin. This bit is not effective if the buck
is configured in load switch mode.
0 = does not send the output buck PGOOD signal to the external PGOOD1 pin.
1 = sends the output buck PGOOD signal to the external PGOOD1 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com