Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 58 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 52Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 53Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 54Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 55Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 56Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 57Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 58Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 59Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 58 of 60
FACTORY-PROGRAMMABLE OPTIONS
Table 77. Fuse-Programmable Trim Options for the Different Modes of the ADP5360
Parameter
Value
Default Setting
I2C Address
0x46
0x46
0x56
0x66
0x76
EN_CHG
Enable charger
Disable charger
Disable charger
ITHR
60 μA
60 μA
12 μA
6 μA
VTRM
3.96 V
4.16 V
4.06 V
4.16 V
4.26 V
4.36 V
4.36 V
4.46 V
4.46 V
EN_BATPRO
Disable battery protection function
Enable battery protection function
Enable battery protection function
UV_DISCH
2.2 V
2.5 V
2.5 V
2.6 V
2.8 V
OC_DISCH
100 mA
600 mA
200 mA
400 mA
600 mA
OV_CHG
4.25 V
4.30 V
4.30 V
4.40 V
4.50 V
OC_CHG
100 mA
150 mA for the ADP5360ACBZ-1-R7 and 400 mA for
the ADP5360ACBZ-2-R7
150 mA
200 mA
400 mA
EN_BUCK
Disable buck output
Enable buck output
Enable buck output
BUCK_SS
1 ms
1 ms
8 ms
64 ms
512 ms
BUCK_MODE
Hystersis mode
Hystersis mode
FPWM mode
DISCHG_BUCK
Disable output discharge function
Disable output discharge function
Enable output discharge function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com