Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 4Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 5Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 10Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 8 of 60
I2C-COMPATIBLE INTERFACE TIMING SPECIFICATIONS
TA = 25°C and VISOB = 3.8 V, unless otherwise noted.
Table 5.
Parameter
Symbol
Min
Typ
Max
Unit
I2C-COMPATIBLE INTERFACE
Capacitive Load, Each Bus Line
CS
400
pF
SCL Clock Frequency
fSCL
400
kHz
SCL High Time
tHIGH
0.6
µs
SCL Low Time
tLOW
1.3
µs
Data Setup Time
tSUDAT
100
ns
Data Hold Time1
tHDDAT
0
0.9
µs
Setup Time for Repeated Start
tSUSTA
0.6
µs
Hold Time for Start and Repeated Start
tHDSTA
0.6
µs
Bus Free Time Between a Stop Condition and a Start Condition
tBUF
1.3
µs
Setup Time for Stop Condition
tSUSTO
0.6
µs
Rise Time of SCL and SDA
tR
20
300
ns
Fall Time of SCL and SDA
tF
20
300
ns
Pulse Width of Suppressed Spike
tSP
0
50
ns
1
A master device must provide a hold time of at least 300 ns for the SDA signal to bridge the undefined region of the falling edge of SCL. See Figure 2 for more information.
Timing Diagram
S = START CONDITION
Sr = REPEATED START CONDITION
P = STOP CONDITION
tLOW
tSUDAT
tR
tHDDAT
tSUSTA
tSUSTO
tSP
tR
tBUF
tHIGH
S
Sr
P
S
SDA
SCL
tF
tHDSTA
tF
Figure 2. I2C Timing Diagram
RECOMMENDED INPUT AND OUTPUT CAPACITANCE AND INDUCTANCE
Table 6.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CAPACITANCE
Effective capacitance
VBUS Capacitance
1.0
2.2
µF
VDD Pin Capacitance
0.47
1.0
10
μF
Total Capacitance
VSYS Pin
4.7
10
µF
ISOB Pin
4.7
10
µF
VIN1 Pin
2.2
10
µF
VIN2 Pin
2.2
10
µF
VOUT1 Node
1
10
µF
VOUT2 Pin
1
10
µF
INDUCTANCE
Buck
2.2
4.7
6.8
µH
Buck Boost
2.2
4.7
6.8
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com