Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 15 of 60
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–40
TEMPERATURE (°C)
–20 –10
0
–30
10
20
30
40
50
60
70
80
VISOB = 2.5V
VISOB = 3.6V
VISOB = 4.2V
Figure 22. ISOB Quiescent Current vs. Temperature, All Disabled
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
0
50
100
150
200
250
300
350
VISOB = 2.5V
VISOB = 3.6V
VISOB = 4.2V
Figure 23. ISOB Quiescent Current vs. Temperature in Shipment Mode
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
0
0.2
0.4
0.6
0.8
1.0
1.2
VISOB = 2.5V
VISOB = 3.6V
VISOB = 4.2V
Figure 24. ISOB Quiescent Current vs. Temperature, Fuel Gauge Sleep Mode
Enabled, Battery Protection Enabled, Buck Enabled, Buck Boost Enabled
1.75
1.70
1.65
1.60
1.55
1.50
1.45
TEMPERATURE (°C)
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
VVBUS = 4V
VVBUS = 5V
VVBUS = 6.5V
Figure 25. VBUS Quiescent Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com