Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 54 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 50Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 51Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 52Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 53Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 54Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 55Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 56Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 57Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 54 of 60
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUITS
PGND1
SW1
VBUS
MR
VDD
R9
THR
LI-ION
BATTERY
(100mAh)
ISOB
VDD
BSNS
ADP5360
VSYS
VSYS
VIN1
FB1
AGNDx
VSYS
PGOOD2
320mA
LINEAR CHARGER
CONTROL
AND
BATTERY
PROTECTION
AND
FUEL GAUGE
LOW IQ
BUCK
REGULATOR
L1
4.7µH
C1
2.2µF
C2
1µF
C3
10µF
C4
10µF
I2C
INTERFACE
CONTROL
LOGIC
C6
10µF
C5
10µF
USB 5V
SCL
SDA
INT
ENSD
RESET
VOUT1
EN1
VBUS PROTECTION
LDO FET
LOW IQ
BUCK BOOST
REGULATOR
STP
ENCHG
ICS
ILIM
PGOOD1
VID1
EN2
MCU
L2
4.7µH
VSYS
VOUT2
C7
10µF
C8
10µF
MCU
VIN2
VOUT2
PGND2
SW2A
SW2B
Figure 60. ADP5360 Application Diagram
PGND1
SW1
VBUS
MR
THR
LI-ION
BATTERY
(100mAh)
ISOB
VDD
BSNS
ADP5360
VSYS
VSYS
VIN1
FB1
AGNDx
VSYS
PGOOD2
300mA
LINEAR CHARGER
CONTROL
AND
BATTERY
PROTECTION
AND
FUEL GAUGE
LOW IQ
BUCK
REGULATOR
L1
4.7µH
C1
2.2µF
C2
1µF
C3
10µF
C4
10µF
I2C
INTERFACE
CONTROL
LOGIC
C6
10µF
C5
10µF
USB 5V
SCL
SDA
INT
ENSD
RESET
VOUT1
EN1
VBUS PROTECTION
LDO FET
LOW IQ
BUCK BOOST
REGULATOR
STP
ENCHG
ICS
ILIM
PGOOD1
VID1
EN2
MCU
L2
4.7µH
VSYS
VOUT2
C7
10µF
C8
10µF
MCU
VIN2
VOUT2
PGND2
SW2A
SW2B
R3
OPTICAL
AFE
MCU
MEMS
R9
1MΩ
VDD
VDD
VSYS
36kΩ
R2
68kΩ
R1
15kΩ
Figure 61. Li-Ion Battery Charger Application in Healthcare Portable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com