Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 10Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 14 of 60
1.790
1.795
1.800
1.805
1.810
1.815
1.820
1.825
1.830
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
VOUT1 = 1.8V HYS
VOUT1 = 1.8V PWM
Figure 16. Buck Output vs. Temperature, VFB1_PWM_FIX and VFB1_HYS_FIX
Accuracy
2.40
2.42
2.44
2.46
2.48
2.50
–40
–20 –10
0
–30
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
Figure 17. Battery Undervoltage Threshold vs. Temperature, BAT_UV = 2.5 V
4.30
4.31
4.32
4.33
4.34
4.35
4.36
4.37
4.38
4.39
4.40
–40
TEMPERATURE (°C)
–20 –10
0
–30
10
20
30
40
50
60
70
80
Figure 18. Battery Overvoltage Threshold vs. Temperature, VBPOV_RISE = 4.3 V
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
Figure 19. Buck Boost Output vs. Temperature, VOUT2 Accuracy
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
0
100
200
300
400
500
600
OC_DISCH = 50mA
OC_DISCH = 200mA
OC_DISCH = 600mA
Figure 20. Battery Overdischarge Current Threshold vs. Temperature,
VISOB = 3.8 V
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
0
50
100
150
200
250
300
350
400
450
OC_DISCH = 25mA
OC_DISCH = 150mA
OC_DISCH = 300mA
Figure 21. Battery Overcharge Current Threshold vs. Temperature,
VISOB = 3.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com