Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 38Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 39Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 40Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 41Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 42Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 43Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 44Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 45Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 42 of 60
Bit(s)
Bit Name
Access
Default
Description
[2:0]
BAT_CHG_STATUS[2:0]
R
Not applicable
Battery Status Bus. The following values are indications for battery status:
000 = normal.
001 = no battery.
010 = VBSNS < VTRK_DEAD when in charge.
011 = VTRK ≤ VBSNS < VWEAK when in charge.
100 = VBSNS ≥ VWEAK when in charge.
Table 28. BATTERY_THERMISTOR_CONTROL, Address 0x0A Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:6]
ITHR[1:0]
R/W
Factory set
Select Battery Thermistor NTC Resistance. The following values are the program values for
the battery thermistor NTC resistance:
00 = 60 μA.
01 = 12 μA.
10, 11 = 6 μA.
[5:1]
Reserved
R
Not applicable
Reserved
.
0
EN_THR
R/W
0
When high, the ITHR current source is enabled even when the voltage at the VBUS pin is
lower than VVBUS_OK.
Table 29. THERMISTOR_60C Threshold, Address 0x0B Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:0]
TEMP_HIGH_60[7:0]
R/W
0x56
Thermistor Voltage Threshold for 60°C.
THERMISTOR_60C Voltage Threshold (V) = (TEMP_HIGH_60 × 0.002) (V)
Table 30. THERMISTOR_45C Threshold, Address 0x0C Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:0]
TEMP_HIGH_45[7:0]
R/W
0x8F
Thermistor Voltage Threshold for 45°C
THERMISTOR_45C Voltage Threshold (V) = (TEMP_HIGH_45 × 0.002) (V)
Table 31. THERMISTOR_10C Threshold, Address 0x0D Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:0]
TEMP_LOW_10[7:0]
R/W
0x71
Thermistor Voltage Threshold for 10°C
THERMISTOR_10C Voltage Threshold (V) = (TEMP_LOW_10 × 0.01) (V)
Table 32. THERMISTOR_0C Threshold, Address 0x0E Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:0]
TEMP_LOW_0[7:0]
R/W
0xB4
Thermistor Voltage Threshold For 0°C
THERMISTOR_0C Voltage Threshold (V) = (TEMP_LOW_0 × 0.01) (V)
Table 33. THR_VOLTAGE Low, Address 0x0F Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:0]
THR_V_LOW[7:0]
R
Not applicable
8-Bit Thermistor Node Voltage Low (mV)
NTC = THR_V_x[11:0]/ITHR (kΩ)
Table 34. THR_VOLTAGE High, Address 0x10 Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:4]
Reserved
R
Not applicable
Reserved
[3:0]
THR_V_HIGH[11:8]
R
Not applicable
4-Bit Thermistor Node Voltage High (mV)
NTC = THR_V_x[11:0]/ITHR (kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com